Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8003 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM8003
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8003 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM8003 Datasheet HTML 17Page - Linear Technology LTM8003 Datasheet HTML 18Page - Linear Technology LTM8003 Datasheet HTML 19Page - Linear Technology LTM8003 Datasheet HTML 20Page - Linear Technology LTM8003 Datasheet HTML 21Page - Linear Technology LTM8003 Datasheet HTML 22Page - Linear Technology LTM8003 Datasheet HTML 23Page - Linear Technology LTM8003 Datasheet HTML 24Page - Linear Technology LTM8003 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTM4613
21
4613fd
For more information www.linear.com/LTM4613
APPLICATIONS INFORMATION
Figure 18. Typical 22V to 36VIN, 12V at 8A Design
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
FCB
MARG0
MARG1
MPGM
VOUT
VFB
PULL-UP SUPPLY ≤ 5V
R3
51k
C4
0.1µF
C5
22pF
COUT1
22µF
16V
COUT2
180µF
16V
CIN
10µF
50V CERAMIC
VIN
22V TO 36V
CLOCK SYNC
REFER TO TABLE 2
ON/OFF
LTM4613
SGND
PGND
MARGIN
CONTROL
R4
51k
RFB
5.23k
R1
392k
5% MARGIN
+
4613 F18
VD
VIN PLLIN
C1 TO C3
10µF
50V
×3
VOUT
12V
8A
Figure 17. Recommended PCB Layout (LGA Shown, for BGA Use Circle Pads)
VIN
VOUT
GND
CIN
CVD
CVD
COUT
COUT
4613 F17
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com