Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8003 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8003
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8003 Datasheet(HTML) 2 Page - Linear Technology

  LTM8003 Datasheet HTML 1Page - Linear Technology LTM8003 Datasheet HTML 2Page - Linear Technology LTM8003 Datasheet HTML 3Page - Linear Technology LTM8003 Datasheet HTML 4Page - Linear Technology LTM8003 Datasheet HTML 5Page - Linear Technology LTM8003 Datasheet HTML 6Page - Linear Technology LTM8003 Datasheet HTML 7Page - Linear Technology LTM8003 Datasheet HTML 8Page - Linear Technology LTM8003 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTM4613
2
4613fd
For more information www.linear.com/LTM4613
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
INTVCC, DRVCC............................................. –0.3V to 6V
VOUT........................................................... –0.3V to 16V
PLLIN, FCB, TRACK/SS, MPGM, MARG0,
MARG1, PGOOD ....................–0.3V to INTVCC + 0.3V
RUN .............................................................–0.3V to 5V
VFB, COMP................................................ –0.3V to 2.7V
(Note 1)
MARG1
DRVCC
VFB
PGOOD
SGND
NC
NC
NC
FCB
VIN
BANK 1
VD
PGND
BANK 2
VOUT
BANK 3
fSET
MARG0
LGA PACKAGE
133-LEAD (15mm × 15mm × 4.32mm)
TOP VIEW
SGND
12
2
1
4
3
5 6
9
8
10 11
7
A
B
C
D
E
F
G
H
J
K
L
M
TJMAX = 125°C, θJCtop = 17°C/w, θJCbottom = 2.3°C/W, θJA = 10°C/W, θJB = 2.5°C/W,
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS
WEIGHT = 2.5g
MARG1
DRVCC
VFB
PGOOD
SGND
NC
NC
NC
FCB
VIN
BANK 1
VD
PGND
BANK 2
VOUT
BANK 3
fSET
MARG0
BGA PACKAGE
133-LEAD (15mm × 15mm × 4.92mm)
TOP VIEW
SGND
12
2
1
4
3
5 6
9
8
10 11
7
A
B
C
D
E
F
G
H
J
K
L
M
TJMAX = 125°C, θJCtop = 17°C/w, θJCbottom = 2.3°C/W, θJA = 10°C/W, θJB = 2.5°C/W,
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS
WEIGHT = 2.7g
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(Note 2)
DEVICE
FINISH CODE
LTM4613EV#PBF
Au (RoHS)
LTM4613V
e4
LGA
3
–40°C to 125°C
LTM4613IV#PBF
Au (RoHS)
LTM4613V
e4
LGA
3
–40°C to 125°C
LTM4613MPV#PBF
Au (RoHS)
LTM4613V
e4
LGA
3
–55°C to 125°C
LTM4613EY#PBF
SAC305 (RoHS)
LTM4613Y
e1
BGA
3
–40°C to 125°C
LTM4613IY#PBF
SAC305 (RoHS)
LTM4613Y
e1
BGA
3
–40°C to 125°C
LTM4613IY
SnPb (63/37)
LTM4613Y
e0
BGA
3
–40°C to 125°C
LTM4613MPY#PBF
SAC305 (RoHS)
LTM4613Y
e1
BGA
3
–55°C to 125°C
LTM4613MPY
SnPb (63/37)
LTM4613Y
e0
BGA
3
–55°C to 125°C
• Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures: www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings: www.linear.com/packaging
VIN, VD.......................................................–0.3V to 36V
Internal Operating Temperature Range (Note 2)
E- and I-Grades.................................. –40°C to 125°C
MP-Grade .......................................... –55°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Package Body Temperature..... 245°C
ORDER INFORMATION http://www.linear.com/product/LTM4613#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com