Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8012AM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8012AM
Description  Low power PLL FM demodulator for satellite TV receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8012AM Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8012AM Datasheet HTML 1Page - NXP Semiconductors TDA8012AM Datasheet HTML 2Page - NXP Semiconductors TDA8012AM Datasheet HTML 3Page - NXP Semiconductors TDA8012AM Datasheet HTML 4Page - NXP Semiconductors TDA8012AM Datasheet HTML 5Page - NXP Semiconductors TDA8012AM Datasheet HTML 6Page - NXP Semiconductors TDA8012AM Datasheet HTML 7Page - NXP Semiconductors TDA8012AM Datasheet HTML 8Page - NXP Semiconductors TDA8012AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1997 May 26
4
Philips Semiconductors
Product specification
Low power PLL FM demodulator for
satellite TV receivers
TDA8012AM
PINNING
SYMBOL
PIN
DESCRIPTION
CDF1
1
carrier detector filter 1 input
CDF2
2
carrier detector filter 2 input
PD+
3
positive peak detector output
PD
−
4
negative peak detector output
IFI1
5
intermediate frequency input 1
IFI2
6
intermediate frequency input 2
GND
7
general ground
VCC
8
supply voltage
AGCO
9
automatic gain control output
Vth(AGC)
10
automatic gain control threshold
voltage input
VIDEO
11
baseband signal output
LF1
12
loop filter 1 input
LF2
13
loop filter 2 input
OSCGND
14
oscillator ground
VCO1
15
oscillator tank circuit 1 input
VCO2
16
oscillator tank circuit 2 input
AFCF
17
automatic frequency control filter
input
KEY
18
key pulse input
AFC/CDO
19
automatic frequency control
/carrier detector output
AFCOS
20
automatic frequency control offset
input
Fig.2 Pin configuration.
handbook, halfpage
TDA8012AM
MBH931
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CDF1
CDF2
IFI1
IFI2
GND
AGCO
VCC
Vth(AGC)
PD
+
PD
−
AFCOS
VIDEO
LF1
LF2
OSCGND
VCO1
VCO2
AFCF
KEY
AFC/CDO
FUNCTIONAL DESCRIPTION
The TDA8012AM is a low power PLL FM demodulator
designed for use in satellite TV reception systems.
The demodulator is based on a PLL structure including a
fully balanced two-pin VCO. A high gain IF amplifier
ensures a high input sensitivity. The video output voltage
is supplied through a highly-linear video buffer with a low
output impedance. The centre frequency of the VCO and
the loop characteristics can be set by external components
(see Fig.4).
The circuit provides an AGC signal which is used to drive
a gain-controlled IF amplifier (TDA8011T or TDA8010AM)
for a stable PLL demodulation characteristic.
An analog AFC voltage is available. This signal fits in with
the input of the A/D converter port of the PLL frequency
synthesizer (TSA5055). The AFC function may be keyed
to address D2MAC systems.
The TDA8012AM includes a Carrier Detector (CD) used
for channel detection during search procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com