Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8012AM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8012AM
Description  Low power PLL FM demodulator for satellite TV receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8012AM Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8012AM Datasheet HTML 1Page - NXP Semiconductors TDA8012AM Datasheet HTML 2Page - NXP Semiconductors TDA8012AM Datasheet HTML 3Page - NXP Semiconductors TDA8012AM Datasheet HTML 4Page - NXP Semiconductors TDA8012AM Datasheet HTML 5Page - NXP Semiconductors TDA8012AM Datasheet HTML 6Page - NXP Semiconductors TDA8012AM Datasheet HTML 7Page - NXP Semiconductors TDA8012AM Datasheet HTML 8Page - NXP Semiconductors TDA8012AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 May 26
2
Philips Semiconductors
Product specification
Low power PLL FM demodulator for
satellite TV receivers
TDA8012AM
FEATURES
• High input sensitivity
• Fully balanced two-pin Voltage Controlled Oscillator
(VCO)
• Low input impedance (50 Ω)
• Low impedance video baseband output
• Internal voltage stabilizer
• Keyed Automatic Frequency Control (AFC) or peak AFC
• Carrier detector
• Automatic Gain Control (AGC) output.
APPLICATIONS
• Digital Broadcast System (DBS) satellite receivers.
GENERAL DESCRIPTION
The TDA8012AM is a sensitive Phase Locked Loop (PLL)
Frequency Modulation (FM) demodulator for the second
Intermediate Frequency (IF) in satellite receivers.
It provides Automatic Gain Control (AGC) and Automatic
Frequency Control (AFC) outputs that can be used to
optimize the level and the frequency of the signal applied
at the input. During the search procedure, the AFC output
provides a signal used for carrier detection.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.75
5.0
5.25
V
ICC
supply current
VCC =5V; Tamb =25 °C
405060mA
Vi
input level
53
57
61
dB
µV
fc
operating carrier frequency
−
480
−
MHz
Vo(p-p)
video output signal amplitude
(peak-to-peak value)
frequency deviation = 25 MHz
−
1
−
V
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8012AM
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com