Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8012AM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8012AM
Description  Low power PLL FM demodulator for satellite TV receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8012AM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8012AM Datasheet HTML 2Page - NXP Semiconductors TDA8012AM Datasheet HTML 3Page - NXP Semiconductors TDA8012AM Datasheet HTML 4Page - NXP Semiconductors TDA8012AM Datasheet HTML 5Page - NXP Semiconductors TDA8012AM Datasheet HTML 6Page - NXP Semiconductors TDA8012AM Datasheet HTML 7Page - NXP Semiconductors TDA8012AM Datasheet HTML 8Page - NXP Semiconductors TDA8012AM Datasheet HTML 9Page - NXP Semiconductors TDA8012AM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1997 May 26
6
Philips Semiconductors
Product specification
Low power PLL FM demodulator for
satellite TV receivers
TDA8012AM
CHARACTERISTICS
Measured in the application circuit (see Fig.4) with the following conditions: VCC =5V, Tamb =25 °C, fc = 480 MHz,
input level: 57 dB
µV; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCC
supply voltage
4.75
5.0
5.25
V
ICC
supply current
note 1
40
50
60
mA
Voltage controlled oscillator
KVCO
VCO constant
4.75 < VCC < 5.25 V;
−10 < Tamb <80 °C
20
25
30
MHz/V
∆fVCO(drift)
VCO frequency temperature dependence note 2
−
1
2.5
MHz
∆f
VCO(shift)
VCO frequency voltage dependence
4.75 < VCC < 5.25 V
−±300
±750
kHz
Frequency demodulator
Vi
operating input level
note 3
53
57
61
dB
µV
fc
optimal operating carrier frequency
−
480
−
MHz
Zi
input impedance
note 4
resistive part
−
50
−Ω
inductive part
−
100
−
nH
KD
phase detector constant
Vi =57dBµV
−
0.42
−
V/rad
LG
PLL loop gain
note 5
drift
−
2
−
dB
shift
−
2
−
dB
Zo
differential output impedance of the
phase detector
1.8
2.3
2.8
k
Ω
fcr(PLL)
PLL capture range
note 6
±20
±26
−
MHz
DG
differential gain
note 7
−±2
−
%
DP
differential phase
note 7
−±2
−
deg
IM3
third-order intermodulation distortion
note 8
47
−−
dB
IM2
second-order intermodulation distortion
note 9
45
−−
dB
Video output
Vo(p-p)
baseband signal amplitude
(peak-to-peak value)
frequency
deviation = 25 MHz
0.8
1.0
1.2
V
VO
DC voltage level of video output
2.1
2.35
2.6
V
Zo
output impedance
−
75
−Ω
S/N
weighted baseband signal-to-noise ratio
note 10
58
61
−
dB
SAM
Amplitude Modulation (AM) sensitivity
note 11
−
30
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com