Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002AT/5/C2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8002AT/5/C2
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002AT/5/C2 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8002AT/5/C2 Datasheet HTML 1Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 2Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 3Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 4Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 5Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 6Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 7Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 8Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1997 Nov 04
4
Philips Semiconductors
Product specification
IC card interface
TDA8002
BLOCK DIAGRAM
Fig.1 Block diagram (TDA8002G).
All capacitors are mandatory.
handbook, full pagewidth
MGE730
100 nF
100 nF
100 nF
100 nF
100
nF
I/O
TRANSCEIVER
I/O
TRANSCEIVER
I/O
TRANSCEIVER
THERMAL
PROTECTION
VCC
GENERATOR
RST
BUFFER
CLOCK
BUFFER
SEQUENCER
CLOCK
CIRCUITRY
OSCILLATOR
HORSEQ
INTERNAL OSCILLATOR
fINT
STEP-UP CONVERTER
INTERNAL
REFERENCE
VOLTAGE SENSE
SUPPLY
EN2
PVCC
EN5
EN4
EN3
CLK
EN1
CLKUP
ALARM
VREF
28
VDDD
13
VDDA
14
12
S1
S2
15 VUP
23
VCC
22
RST
PRES
19
18
PRES
21
CLK
20
17
16
AUX1
AUX2
I/O
10
29
11
DGND1 DGND2
AGND
32
2
1
I/OUC
AUX2UC
AUX1UC
31
30
9
8
5
7
6
27
24
25
26
XTAL2
XTAL1
CLKOUT
STROBE
CLKSEL
CLKDIV2
CLKDIV1
MODE
CMDVCC
RSTIN
OFF
3
4
ALARM
ALARM
TDA8002G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com