Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002AT/5/C2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8002AT/5/C2
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002AT/5/C2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8002AT/5/C2 Datasheet HTML 5Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 6Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 7Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 8Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 9Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 10Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 11Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 12Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1997 Nov 04
9
Philips Semiconductors
Product specification
IC card interface
TDA8002
Logic circuitry
After power-up, the circuit has six possible states of
operation. Table 1 shows the sequence of these states.
IDLE MODE
After reset, the circuit enters the idle mode.
A minimum number of functions in the circuit are active
while waiting for the microcontroller to start a session:
• All card contacts are inactive
• I/OUC, AUX1UC and AUX2UC are high-impedance
• Oscillator XTAL runs, delivering CLKOUT
• Voltage supervisor is active.
LOW-POWER (SLEEP) MODE
When pin MODE goes LOW, the circuit enters the
low-power (sleep) mode. As long as pin MODE is LOW, no
activation is possible.
If pin MODE goes LOW in the active mode, a normal
deactivation sequence is performed before entering
low-power mode. When pin MODE goes HIGH, the circuit
enters normal operation after a delay of at least 6 ms
(96 cycles of CLKOUT). During this time the CLKOUT
remains at 16 kHz.
• All card contacts are inactive
• Oscillator XTAL does not run
• The VDD supervisor, ALARM output, card presence
detection and OFF output remain functional
• Internal oscillator is slowed to 32 kHz, CLKOUT
providing 16 kHz.
ACTIVE MODE
When the activation sequence is completed, the TDA8002
will be in the active mode. Data is exchanged between the
card and the microcontroller via the I/O lines.
State diagram
Fig.7 State diagram.
handbook, full pagewidth
MGE735
POWER
OFF
ACTIVE
MODE
LOW-POWER
MODE
IDLE
MODE
FAULT
ACTIVATION
DEACTIVATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com