Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002AT/5/C2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8002AT/5/C2
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002AT/5/C2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8002AT/5/C2 Datasheet HTML 3Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 4Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 5Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 6Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 7Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 8Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 9Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 10Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1997 Nov 04
7
Philips Semiconductors
Product specification
IC card interface
TDA8002
FUNCTIONAL DESCRIPTION
Power supply
The supply pins for the chip are VDDA, VDDD, AGND,
DGND1 and DGND2. VDDA and VDDD (i.e. VDD) should be
in the range of 3.0 to 6.5 V. All card contacts remain
inactive during power-up or power-down.
On power-up, the logic is reset by an internal signal.
The sequencer is not activated until VDD reaches
Vth2 +Vhys2 (see Fig.5). When VDD falls below Vth2, an
automatic deactivation sequence of the contacts is
performed.
Supply voltage supervisor (VDD)
This block surveys the VDD supply. A defined reset pulse
of 10 ms minimum (tW) can be retriggered and is delivered
on the ALARM outputs during power-up or power-down of
VDD (see Fig.5). This signal is also used for eliminating the
spikes on card contacts during power-up or power-down.
When VDD reaches Vth2 +Vhys2, an internal delay is
started. The ALARM outputs are active until this delay has
expired. When VDD falls below Vth2, ALARM is activated
and a deactivation sequence of the contacts is performed.
For 3 V supply, the supervisor option must be chosen at
3 V. For 5 V supply, both options (3 or 5 V) may be chosen
depending on the application.
Clock circuitry
The TDA8002 supports both synchronous and
asynchronous cards (I2C-bus memories requiring an
acknowledge signal from the master are not supported).
There are three methods to clock the circuitry:
• Apply a clock signal to pin STROBE
• Use of an internal RC oscillator
• Use of a quartz oscillator which should be connected
between pins XTAL1 and XTAL2.
When CLKSEL is HIGH, the clock should be applied on the
STROBE pin, and when CLKSEL is LOW, one of the
internal oscillators is used.
When an internal clock is used, the clock output is
available on pin CLKOUT. The RC oscillator is selected by
making CLKDIV1 HIGH and CLKDIV2 LOW. The clock
output to the card is available on pin CLK. The frequency
of the card clock can be the input frequency divided by
2 or 4, STOP LOW or 1.25 MHz, depending on the states
of CLKDIV1 or CLKDIV2 (see Table 1).
Do not change CLKSEL during activation. When in
low-power (sleep) mode, the internal oscillator frequency
which is available on pin CLKOUT is lowered to
approximately 16 kHz for power-economy purposes.
Fig.5 Alarm as a function of VDD (pulse width 10 ms).
handbook, full pagewidth
MGE734
VDD
tW
tW
Vth2 + Vhys2
Vth2
ALARM
ALARM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com