Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002BT/3/C2 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8002BT/3/C2
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002BT/3/C2 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8002BT/3/C2 Datasheet HTML 10Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 11Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 12Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 13Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 14Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 15Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 16Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 17Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
1997 Nov 04
14
Philips Semiconductors
Product specification
IC card interface
TDA8002
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); note 1.
Note
1. Stress beyond these levels may cause permanent damage to the device. This is a stress rating only and functional
operation of the device under this condition is not implied.
HANDLING
Every pin withstands the ESD test according to MIL-STD-883C class 3 for card contacts, class 2 for the remaining.
Method 3015 (HBM 1500
Ω, 100 pF) 3 positive pulses and 3 negative pulses on each pin referenced to ground.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−0.3
+6.5
V
Vi(CMOS)
voltage on CMOS pins
XTAL1, XTAL2, ALARM, ALARM,
MODE, RSTIN, CLKSEL, AUX2UC,
AUX1UC, CLKDIV1, CLKDIV2,
CLKOUT, STROBE, CMDVCC and
OFF
−0.3
+6.5
V
Vi(card)
voltage on card contact pins
I/O, AUX2, PRES, PRES, AUX1,
CLK, RST and VCC
−0.3
+6.5
V
Ves
electrostatic handling
on pins I/O, RST, VCC, CLK, AUX1,
AUX2, PRES and PRES
−6+6
kV
on all other pins
−2+2
kV
Tstg
storage temperature
−55
+125
°C
Ptot
continuous total power dissipation
TDA8002T
Tamb = −25 to +85 °C
−
0.56
W
TDA8002G
Tamb = −25 to +85 °C
−
0.46
W
Tamb
operating ambient temperature
−25
+85
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient in free air
SOT136-1
70
K/W
SOT401-1
91
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com