Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002BT/3/C2 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8002BT/3/C2
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002BT/3/C2 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8002BT/3/C2 Datasheet HTML 14Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 15Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 16Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 17Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 18Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 19Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 20Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 21Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1997 Nov 04
18
Philips Semiconductors
Product specification
IC card interface
TDA8002
Notes
1. It may be necessary to put capacitors from XTAL1 and XTAL2 to ground depending on the choice of crystal or
resonator.
2. When the oscillator is stopped in mode 1, XTAL1 is set to HIGH.
3. The transition time and duty cycle definitions are shown in Fig.13;
4. PRES and CMDVCC are active LOW; RSTIN and PRES are active HIGH.
5. CLKOUT transition time and duty cycle do not need to be tested.
Strobe input (STROBE)
fSTROBE
frequency on STROBE
0
−
20
MHz
VIL
LOW-level input voltage
0
−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD
V
Logic inputs (CLKSEL, CLKDIV1, CLKDIV2, MODE, CMDVCC and RSTIN); note 4
VIL
LOW-level input voltage
0
−
0.8
V
VIH
HIGH-level input voltage
1.8
−
VDD
V
Logic inputs (PRES, PRES); note 4
VIL
LOW-level input voltage
0
−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD
V
IIL(PRES)
LOW-level input current on
pin PRES
VOL =0V
−−−10
µA
IIH(PRES)
HIGH-level input current on
pin PRES
−−
10
µA
Protections
Tsd
shut-down local temperature
−
135
−°C
ICC(sd)
shut-down current at VCC
−−
90
mA
Timing
tact
activation sequence duration
see Fig.9; guaranteed by
design
−
180
220
µs
tde
deactivation sequence duration
see Fig.11; guaranteed by
design
50
70
90
µs
t3
start of the window for sending
CLK to the card
see Figs 8 and 9
−−
130
µs
t5
end of the window for sending
CLK to the card
see Fig.8
150
−−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
δ
t
1
t
1
t
2
+
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com