Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002BT/3/C2 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA8002BT/3/C2
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002BT/3/C2 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA8002BT/3/C2 Datasheet HTML 16Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 17Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 18Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 19Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 20Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 21Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 22Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 23Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
1997 Nov 04
20
Philips Semiconductors
Product specification
IC card interface
TDA8002
APPLICATION INFORMATION
Fig.14 Application diagram (for more details, consult “
Application Note AN96096”).
handbook, full pagewidth
MGE742
10
µF
100
nF
100
nF
100
nF
100
nF
80C51
P1-0
P1-1
P1-2
P1-3
P1-4
P1-5
P1-6
P1-7
RST
P3-0
P3-1
P3-2
P3-3
P3-4
P3-5
P3-6
P3-7
XTAL2
XTAL1
VSS
VCC
P0-0
P0-1
P0-2
P0-3
P0-4
P0-5
P0-6
P0-7
EA
ALE
PSEN
P2-7
P2-6
P2-5
P2-4
P2-3
P2-2
P2-1
P2-0
XTAL1
XTAL2
I/OUC
AUX1UC
AUX2UC
ALARM
CLKSEL
CLKDIV1
CLKDIV2
STROBE
CLKOUT
DGND1
AGND
S2
MODE
OFF
RSTIN
CMDVCC
RST
CLK
VCC
AUX1
PRES
AUX2
I/O
VUP
S1
VDDA
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA8002A
C5I
C6I
C7I
C8I
C1I
C2I
C3I
C4I
CARD READ LM01
K1
K2
33 pF
33 pF
f = 14.75 MHz
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com