Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82546EB Datasheet(PDF) 13 Page - Intel Corporation

Part # 82546EB
Description  Dual Port Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82546EB Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82546EB Datasheet HTML 9Page - Intel Corporation 82546EB Datasheet HTML 10Page - Intel Corporation 82546EB Datasheet HTML 11Page - Intel Corporation 82546EB Datasheet HTML 12Page - Intel Corporation 82546EB Datasheet HTML 13Page - Intel Corporation 82546EB Datasheet HTML 14Page - Intel Corporation 82546EB Datasheet HTML 15Page - Intel Corporation 82546EB Datasheet HTML 16Page - Intel Corporation 82546EB Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Networking Silicon — 82546EB
Datasheet
7
2.7
Technology Features
Supports little endian byte ordering for both 32 and 64
bit systems and big endian byte ordering for 64 bit
systems
•
Portable across application architectures
Provides loopback capabilities
•
Validates silicon integrity
Single-pin LAN disable function
•
Allows LAN port enabling and disabling through
BIOS control (OS not required) for both ports
Features
Benefits
364-pin Ball Grid Array (BGA) package
•
21 mm x 21 mm component makes LOM designs
easier
Footprint compatible with the 82544GC, 82545EM,
and 82545GM single port gigabit Ethernet controllers
•
Single port or dual port implementation on the
same board with minor option changes.
Implemented in 0.15u CMOS process
•
Offers lowest geometry to minimize power and
size while maintaining Intel quality reliability
standards
0 C to 55 C (maximum) operating temperature
Heat sink or forced airflow not required
65 C to 140 C storage temperature range
•
Simple thermal design
3.3 V PCI signaling with an average power dissipation
of 3.5 W
•
Lower power requirements
Features
Benefits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com