Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82546EB Datasheet(PDF) 21 Page - Intel Corporation

Part # 82546EB
Description  Dual Port Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82546EB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82546EB Datasheet HTML 17Page - Intel Corporation 82546EB Datasheet HTML 18Page - Intel Corporation 82546EB Datasheet HTML 19Page - Intel Corporation 82546EB Datasheet HTML 20Page - Intel Corporation 82546EB Datasheet HTML 21Page - Intel Corporation 82546EB Datasheet HTML 22Page - Intel Corporation 82546EB Datasheet HTML 23Page - Intel Corporation 82546EB Datasheet HTML 24Page - Intel Corporation 82546EB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Networking Silicon — 82546EB
Datasheet
15
3.7
Serializer / Deserializer Signals
3.8
JTAG Test Interface Signals
MDIB[1]+/-
A
Media Dependent Interface B [1].
1000BASE-T
: In MDI configuration, MDIB[1]+/- corresponds to BI_DB+/-, and in MDI-X
configuration, MDIB[1]+/- corresponds to BI_DA+/-.
100BASE-TX
: In MDI configuration, MDIB[1]+/- is used for the receive pair, and in MDI-X
configuration, MDIB[1]+/- is used for the transit pair.
10BASE-T: In MDI configuration, MDIB[1]+/- is used for the receive pair, and in MDI-X
configuration, MDIB[1]+/- is used for the transit pair.
MDIB[2]+/-
A
Media Dependent Interface B [2].
1000BASE-T
: In MDI configuration, MDIB[2]+/- corresponds to BI_DC+/-, and in MDI-X
configuration, MDIB[2]+/- corresponds to BI_DD+/-.
100BASE-TX
: Unused.
10BASE-T: Unused.
MDIB[3]+/-
A
Media Dependent Interface B [3].
1000BASE-T
: In MDI configuration, MDIB[3]+/- corresponds to BI_DD+/-, and in MDI-X
configuration, MDIB[3]+/- corresponds to BI_DC+/-.
100BASE-TX
: Unused.
10BASE-T: Unused.
Symbol
Type
Name and Function
RXA+/-
RXB +/-
I
SERDES Receive Pairs A and B. These signals make the differential receive pair for
the 1.25 GHz serial interface. If the SERDES interface is not used, these pins should
not be connected.
TXA+/-
TXB +/-
O
SERDES Transmit Pairs A and B. These signals make the differential transmit pair for
the 1.25 GHz serial interface. If the SERDES interface is not used, these pins should
not be connected.
SIG_
DETECT
(A and B)
I
Signal Detects A and B. These pins indicate whether the SERDES signals
(connected to the 1.25 GHz serial interface) have been detected by the optical
transceivers. If the SERDES interface is not used, the SIG_DETECT inputs should be
connected to ground using pull-down resistors.
Symbol
Type
Name and Function
JTAG_TCK
I
JTAG Clock.
JTAG_TDI
I
JTAG TDI.
JTAG_TDO
O
JTAG TDO.
JTAG_TMS
I
JTAG TMS.
Symbol
Type
Name and Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com