Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82546EB Datasheet(PDF) 39 Page - Intel Corporation

Part # 82546EB
Description  Dual Port Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82546EB Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82546EB Datasheet HTML 35Page - Intel Corporation 82546EB Datasheet HTML 36Page - Intel Corporation 82546EB Datasheet HTML 37Page - Intel Corporation 82546EB Datasheet HTML 38Page - Intel Corporation 82546EB Datasheet HTML 39Page - Intel Corporation 82546EB Datasheet HTML 40Page - Intel Corporation 82546EB Datasheet HTML 41Page - Intel Corporation 82546EB Datasheet HTML 42Page - Intel Corporation 82546EB Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Networking Silicon — 82546EB
Datasheet
33
5.3
Thermal Specifications
The 82546EB device is specified for operation when the ambient temperature (TA) is within the
range of 0 C to 55 C. The maximum permitted junction temperature is 120 C.
TC (case temperature) is calculated using the equation:
TC = TA + P (qJA - q JC)
TJ (junction temperature) is calculated using the equation:
TJ = TA + P qJA
The power consumption (P) is calculated by using the typical ICC and nominal VCC. The thermal
resistances are shown in Table 21.
Thermal resistances are determined empirically with test devices mounted on standard thermal test
boards. Real system designs may have different characteristics due to board thickness, arrangement
of ground planes, and proximity of other components. The case temperature measurements should
be used to assure that the 82546EB device is operating under recommended conditions.
Table 21. Thermal Characteristics
Symbol
Parameter
Value at specified airflow (m/s)
Units
01
23
qJA
Thermal resistance, junction-to-
ambient
17.7
15.6
14.8
14.0
C/Watt
qJC
Thermal resistance, junction-to-
case
6.8
6.8
6.8
6.8
C/Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com