Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5AX-PRRF Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E5AX-PRRF
Description  Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AX-PRRF Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E5AX-PRRF Datasheet HTML 5Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 6Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 7Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 8Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 9Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 10Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 11Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 12Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
E5AX-P
E5AX-P
9
Alarm: al
When al is displayed on the PV display, the alarm value for alarm
output can be set on the SV display. When the temperature exceeds
or falls below the set alarm value, the corresponding alarm output is
produced and the ALM indicator on the front panel lights. Usually,
the alarm value is set as a deviation from the main setting, but it can
also be set as an absolute value when the event alarm mode is se-
lected. Set the alarm value by using the Up and Down Keys while al
is displayed. The message is not displayed if the alarm mode selec-
tor is set to position 0. Factory-set to upper-limit, alarm value
0%C/%F
Input Shift: in–5
When pin 3 of the operating mode selector switch (SW201) is set to
the ON position, the input shift function can be used. This function is
used to shift the temperature display from the measured value by a
desired value, as shown by the examples in the following table:
Input shift value
Temperature mea-
sured by sensor
Displayed
temperature
0 (without shift)
100%C
100%C
10 (shifted by
10%C)
100%C
110%C
–10 (shifted by
–10%C)
100%C
90%C
This function can be used mainly for fine tuning compensation,
while leaving the set temperature unaffected. Select this function by
pressing the Display Key three times in display level 0.
Proportional Band: p
When the character p is displayed on the PV display, the propor-
tional band (P constant) can be changed using the Up and Down
Keys. The new value will be displayed on the SV display. It can be
set in a range from 0.1% to 999.9%C/%F in units of 0.1%C/%F. The
factory setting is 40.0%C/%F.
NOTICE:
The output value will change according to the differ-
ence between the set value and the present value when
the proportional band is changed during control operation.
If this difference is too great, a drastic change will result.
Always switch to the manual output mode before changing
the proportional band.
Integral Time (Reset Time): i
When the character i is displayed on the PV display, the integral time
(I constant) can be changed using the Up and Down Keys. It can be
set in a range from 0 to 3,999 seconds in units of 1 second. The fac-
tory setting is 240 seconds.
Derivative Time (Rate Time): d
The derivative time (D constant) can be changed when the charac-
ter d is displayed on the PV display using the Up and Down Keys. It
can be set in a range from 0 to 3,999 seconds in units of 1 second.
The factory setting is 40 seconds.
Level 1
–200
Press a.
Press a.
Press a.
Press a.
Press b r simultaneously.
Press a.
Press a.
Lower setting limit
(Note 1)
sl–l
sl–h
1300
hysa
0.2
db
2.0
calb
fr–h
fr–l
(Note 2)
Upper setting limit
Alarm hysteresis
Disable band
Motor calibration display
Fully open position
Fully closed position
Note:
1. Not displayed when the alarm is disabled (SW205
set to 0 or 9).
2. Motor calibration will be displayed when power is
turned on for the first time.
3. Displayed only when the motor calibration mode is
entered.
mot
30
(Note 3)
Fully open/close time
Count value
Count value
PV
SV
Press a.
Press a.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com