Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5AX-PRRF Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E5AX-PRRF
Description  Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AX-PRRF Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E5AX-PRRF Datasheet HTML 6Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 7Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 8Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 9Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 10Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 11Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 12Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 13Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
E5AX-P
E5AX-P
12
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
Communications connector
(RS-232C and BCD connector is shown.)
Communications board
(RS-422 and 485 terminals are shown.)
Communications board
(4 to 20 mA transmission output is shown.)
4 to 20 mA
transmission output
RS-422 RS-485
RDB
RDA
SG
SDA
SDB
Panel Cutout
Side-by-side Mounting
of N Controllers
92
+0.8
0
92
+0.8
0
92
+0.8
0
120 min.
L
L = (96N – 3.5)+1
0
_96
89
Mounting
Screw
12
11 5
2 to 10
SG
Installation
Note:
1. Connect a valve position indicator if required.
2. Do not connect unused terminals.
Control
output
Open
Close
Alarm output
Potentiometer
input
(see Note 1)
100 to 240 VAC, 50/60 Hz
Ground FG terminal 18 under
noise-interfered environment.
Use these terminals when connecting a platinum
resistance thermometer (remove short bar from
terminals 14 and 15).
Use these terminals when connecting a thermo-
couple (do not remove short bar from terminals
14 and 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com