Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5AX-PRRF Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E5AX-PRRF
Description  Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AX-PRRF Datasheet(HTML) 1 Page - Omron Electronics LLC

  E5AX-PRRF Datasheet HTML 1Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 2Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 3Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 4Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 5Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 6Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 7Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 8Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Temperature Controller
E5AX-P
A 96 x 96 mm (DIN) Controller for
Control Valves
Controls motor valves without a potentiometer.
Optimum PID control with feed-forward control
circuitry.
High precision regardless of the set temperature.
Compatible with various inputs (input selected via
internal switch).
Models with communications capabilities also
available.
Ordering Information
Electronic Temperature Controller
Communica-
tions
None
RS-232C
RS-422*
RS-485*
BCD
Transmission
output*/**
(4 to 20 mA)
Communications
Board Add-on Type
Model
E5AX-PRR
E5AX-PRR01
E5AX-PRR02
E5AX-PRR03
E5AX-PRR20
E5AX-PRRF
E5AX-PRRM
*The Controller can also be equipped with a terminal block to connect communications. Specify a terminal block by adding “-X” to the model
number. Example: E5AX-PRR02-X
**Capable of transmitting the process value or output value, but remote setting by external input is not possible.
Temperature Ranges
Input (switch
selectable)
Thermocouple
Temperature
resistance
thermometer
K
Chromel vs.
alumel
J/L
Iron vs.
constantan
T/U
Copper vs.
constantan
E
Chromel
vs.
constantan
R
Platinum vs.
platinum
13% rhodium
S
Platinum vs.
platinum 10%
rhodium
PT platinum
resistance
thermometer
(Pt100/JPt100)
Range
%C
–200 to 1,300
–100 to 850
–200 to 400
0 to 600
0 to 1,700
0 to 1,700
–99.9 to 450.0
%F
–300 to 2,300
–100 to 1,500
–300 to 700
0 to 1,100
0 to 3,000
0 to 3,000
–99.9 to 800.0
Resolution (%C/%F)
(main settings and
alarm)
1
0.1
Communications Boards
Communications
RS-232C
RS-422
RS-485
BCD
Transmission output
(4 to 20 mA)
Model
E53-X01
E53-X02
E53-X03
E53-X20
E53-XF


Similar Part No. - E5AX-PRRF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
E5AB CHENDA-E5AB Datasheet
630Kb / 2P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
Omron Electronics LLC
E5AC OMRON-E5AC Datasheet
12Mb / 112P
Digital Temperature Controller
E5AC OMRON-E5AC Datasheet
12Mb / 112P
Digital Temperature Controller
03/14
E5AC OMRON-E5AC Datasheet
40Mb / 138P
Digital Temperature Controller
E5AC OMRON-E5AC Datasheet
32Mb / 120P
Digital Temperature Controller
More results

Similar Description - E5AX-PRRF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3911 NSC-LM3911 Datasheet
210Kb / 8P
LM3911 Temperature Controller
logo
TOKO, Inc
TK11050 TOKO-TK11050 Datasheet
56Kb / 8P
TEMPERATURE CONTROLLER IC
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
logo
List of Unclassifed Man...
WHY5640 ETC-WHY5640 Datasheet
395Kb / 24P
Subminiature Temperature Controller
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
DIGITAL TEMPERATURE CONTROLLER
logo
SELEC Controls Pvt. Ltd
TC533 SELEC-TC533 Datasheet
675Kb / 2P
Economic Temperature Controller
TC52 SELEC-TC52 Datasheet
433Kb / 1P
Analog Temperature Controller
TC513AX SELEC-TC513AX Datasheet
887Kb / 2P
Economic Temperature Controller
logo
FOTEK CONTROLS CO., LTD...
TC4896-DA FOTEK-TC4896-DA Datasheet
1Mb / 5P
Temperature Controller
TC-4896DA-PT-R3-F-S-A FOTEK-TC-4896DA-PT-R3-F-S-A Datasheet
3Mb / 10P
Temperature Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com