Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS21 Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LCS21
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS21 Datasheet(HTML) 4 Page - Microchip Technology

  24LCS21 Datasheet HTML 1Page - Microchip Technology 24LCS21 Datasheet HTML 2Page - Microchip Technology 24LCS21 Datasheet HTML 3Page - Microchip Technology 24LCS21 Datasheet HTML 4Page - Microchip Technology 24LCS21 Datasheet HTML 5Page - Microchip Technology 24LCS21 Datasheet HTML 6Page - Microchip Technology 24LCS21 Datasheet HTML 7Page - Microchip Technology 24LCS21 Datasheet HTML 8Page - Microchip Technology 24LCS21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
24LCS21
DS21127F-page 4
© 2005 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
The 24LCS21 operates in two modes, the Transmit-
Only mode and the Bidirectional mode. There is a
separate two-wire protocol to support each mode, each
having a separate clock input but sharing a common
data line (SDA). The device enters the Transmit-Only
mode upon power-up. In this mode, the device
transmits data bits on the SDA pin in response to a
clock signal on the VCLK pin. The device will remain in
this mode until a valid high-to-low transition is placed
on the SCL input. When a valid transition on SCL is
recognized, the device will switch into the Bidirectional
mode. The only way to switch the device back to the
Transmit-Only mode is to remove power from the
device.
2.1
Transmit-Only Mode
The device will power-up in the Transmit-Only mode at
address 00h. This mode supports a unidirectional two-
wire protocol for continuous transmission of the
contents of the memory array. This device requires that
it be initialized prior to valid data being sent in the
Transmit-Only mode (see Initialization Procedure,
below). In this mode, data is transmitted on the SDA pin
in 8-bit bytes, with each byte followed by a ninth, null bit
(Figure 2-1). The clock source for the Transmit-Only
mode is provided on the VCLK pin, and a data bit is out-
put on the rising edge on this pin. The eight bits in each
byte are transmitted Most Significant bit first. Each byte
within the memory array will be output in sequence.
When the last byte in the memory array is transmitted,
the internal Address Pointers will wrap around to the
first memory location (00h)
and continue.
The
Bidirectional mode clock (SCL) pin must be held high
for the device to remain in the Transmit-Only mode.
2.2
Initialization Procedure
After VCC has stabilized, the device will be in the Trans-
mit-Only mode. Nine clock cycles on the VCLK pin must
be given to the device for it to perform internal synchro-
nization. During this period, the SDA pin will be in a
high-impedance state. On the rising edge of the tenth
clock cycle, the device will output the first valid data bit
which will be the Most Significant bit in address 00h.
(Figure 2-2).
FIGURE 2-1:
TRANSMIT-ONLY MODE
FIGURE 2-2:
DEVICE INITIALIZATION
SCL
SDA
VCLK
TVAA
TVAA
Bit 1 (LSB)
Null Bit
Bit 1 (MSB)
Bit 7
TVLOW
TVHIGH
TVAA
TVAA
Bit 8
Bit 7
High-impedance for 9 clock cycles
TVPU
12
89
10
11
SCL
SDA
VCLK
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com