Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS21 Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LCS21
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS21 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LCS21 Datasheet HTML 6Page - Microchip Technology 24LCS21 Datasheet HTML 7Page - Microchip Technology 24LCS21 Datasheet HTML 8Page - Microchip Technology 24LCS21 Datasheet HTML 9Page - Microchip Technology 24LCS21 Datasheet HTML 10Page - Microchip Technology 24LCS21 Datasheet HTML 11Page - Microchip Technology 24LCS21 Datasheet HTML 12Page - Microchip Technology 24LCS21 Datasheet HTML 13Page - Microchip Technology 24LCS21 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
24LCS21
DS21127F-page 10
© 2005 Microchip Technology Inc.
5.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally timed write cycle. ACK polling
can be initiated immediately. This involves the master
sending a Start condition followed by the control byte
for a Write command (R/W = 0). If the device is still
busy with the write cycle, then no ACK will be returned.
If the cycle is complete, then the device will return the
ACK and the master can then proceed with the next
Read or Write command. See Figure 5-1 for the flow
diagram.
FIGURE 5-1:
ACKNOWLEDGE
POLLING FLOW
FIGURE 5-2:
PAGE WRITE
Did Device
Acknowledge
(ACK = 0)?
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Next
Operation
No
Yes
Bus
Master
SDA Line
Bus
Control
Byte
Word
Address
S
T
O
P
S
T
A
R
T
A
C
K
A
C
K
A
C
K
Activity
Activity
A
C
K
A
C
K
Data n + 1
Data n + 7
Data (n)
P
S
VCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com