Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS21 Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LCS21
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS21 Datasheet(HTML) 2 Page - Microchip Technology

  24LCS21 Datasheet HTML 1Page - Microchip Technology 24LCS21 Datasheet HTML 2Page - Microchip Technology 24LCS21 Datasheet HTML 3Page - Microchip Technology 24LCS21 Datasheet HTML 4Page - Microchip Technology 24LCS21 Datasheet HTML 5Page - Microchip Technology 24LCS21 Datasheet HTML 6Page - Microchip Technology 24LCS21 Datasheet HTML 7Page - Microchip Technology 24LCS21 Datasheet HTML 8Page - Microchip Technology 24LCS21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
24LCS21
DS21127F-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................7.0V
All inputs and outputs w.r.t. VSS ........................................................................................................ -0.6V to VCC + 1.0V
Storage temperature ...............................................................................................................................-65
°C to +150°C
Ambient temperature with power applied ................................................................................................-40
°C to +125°C
Soldering temperature of leads (10 seconds) ....................................................................................................... +300
°C
ESD protection on all pins
......................................................................................................................................................≥ 4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
VCC = +2.5V to 5.5V
Commercial (C): TA = 0
°C to +70°C
Industrial
(I):
TA = -40
°C to +85°C
Parameter
Symbol
Min
Max
Units
Conditions
SCL and SDA pins:
High-level input voltage
Low-level input voltage
VIH
VIL
0.7 VCC
0.3 VCC
V
V
Input levels on VCLK pin:
High-level input voltage
Low-level input voltage
VIH
VIL
2.0
0.8
0.2 VCC
V
V
VCC
≥ 2.7V (Note 1)
VCC < 2.7V (Note 1)
Hysteresis of Schmitt Trigger inputs
VHYS
.05 VCC
—V
(Note 1)
Low-level output voltage
VOL1
0.4
V
IOL = 3 mA, VCC = 2.5V (Note 1)
Low-level output voltage
VOL2
0.6
V
IOL = 6 mA, VCC = 2.5V
Input leakage current
ILI
-10
10
μAVIN = 0.1V to VCC
Output leakage current
ILO
-10
10
μAVOUT = 0.1V to VCC
Pin capacitance (all inputs/outputs)
CINT
10
pF
VCC = 5.0V (Note 1),
TA = 25
°C, FCLK = 1 MHz
Operating current
ICC Write
ICC Read
—
—
3
1
mA
mA
VCC = 5.5V, SCL = 400 kHz
Standby current
ICCS
—30
100
μA
μA
VCC = 3.0V, SDA = SCL = VCC
VCC = 5.5V, SDA = SCL = VCC
VCLK = VSS
Note 1:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com