Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5018 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 3 Page - Texas Instruments

  LP5018 Datasheet HTML 1Page - Texas Instruments LP5018 Datasheet HTML 2Page - Texas Instruments LP5018 Datasheet HTML 3Page - Texas Instruments LP5018 Datasheet HTML 4Page - Texas Instruments LP5018 Datasheet HTML 5Page - Texas Instruments LP5018 Datasheet HTML 6Page - Texas Instruments LP5018 Datasheet HTML 7Page - Texas Instruments LP5018 Datasheet HTML 8Page - Texas Instruments LP5018 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
4 Description (continued)
The LP50xx device controls each LED output with a 12-bit PWM resolution at 29kHz switching frequency, which
helps achieve a smooth dimming effect and eliminates audible noise. The independent color mixing and intensity
control registers make the software coding straightforward. When targeting a fade-in, fade-out type breathing
effect, the global R, G, B bank control reduces the microcontroller loading significantly. The LP50xx device
also implements a PWM phase-shifting function to help reduce the input power budget when LEDs turn on
simultaneously.
The LP50xx device implements an automatic power-saving mode to achieve ultralow quiescent current. When
channels are all off for 30ms, the device total power consumption is down to 10µA, which makes the LP50xx
device a potential choice for battery-powered end equipment.
www.ti.com
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com