Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5018 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 53 Page - Texas Instruments

Back Button LP5018 Datasheet HTML 49Page - Texas Instruments LP5018 Datasheet HTML 50Page - Texas Instruments LP5018 Datasheet HTML 51Page - Texas Instruments LP5018 Datasheet HTML 52Page - Texas Instruments LP5018 Datasheet HTML 53Page - Texas Instruments LP5018 Datasheet HTML 54Page - Texas Instruments LP5018 Datasheet HTML 55Page - Texas Instruments LP5018 Datasheet HTML 56Page - Texas Instruments LP5018 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
www.ti.com
PACKAGE OUTLINE
C
32X
0.25
0.15
2.8 0.05
32X
0.45
0.25
1 MAX
(0.2) TYP
0.05
0.00
28X 0.4
2X
2.8
2X 2.8
A
4.1
3.9
B
4.1
3.9
0.25
0.15
0.45
0.25
4X (0.45)
(0.1)
VQFN - 1 mm max height
RSM0032B
PLASTIC QUAD FLATPACK - NO LEAD
4219108/B 08/2019
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
8
17
24
9
16
32
25
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
DETAIL
SEE TERMINAL
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
33
SEE SIDE WALL
DETAIL
SIDE WALL DETAIL
OPTIONAL METAL THICKNESS
SCALE 3.000
DETAIL
OPTIONAL TERMINAL
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com