Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5018 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 46 Page - Texas Instruments

Back Button LP5018 Datasheet HTML 42Page - Texas Instruments LP5018 Datasheet HTML 43Page - Texas Instruments LP5018 Datasheet HTML 44Page - Texas Instruments LP5018 Datasheet HTML 45Page - Texas Instruments LP5018 Datasheet HTML 46Page - Texas Instruments LP5018 Datasheet HTML 47Page - Texas Instruments LP5018 Datasheet HTML 48Page - Texas Instruments LP5018 Datasheet HTML 49Page - Texas Instruments LP5018 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (October 2018) to Revision C (July 2024)
Page
• Updated the numbering format for tables, figures and cross-references throughout the document.................. 1
• Added LP5018 VSSOP (28) package................................................................................................................ 1
• Added pin configuration image for LP5018 VSSOP........................................................................................... 4
• Added LP5018 VSSOP thermal information.......................................................................................................7
• Updated Bank Number and LED Number Assignment.................................................................................... 15
• Updated description of OUTX_COLOR registers throughout...........................................................................22
• Updated the description in Table 7-21 through Table 7-44 ..............................................................................30
• Removed the last sentence in the Layout Guidelines section..........................................................................41
• Added LP5018 VSSOP layout example .......................................................................................................... 42
Changes from Revision A (October 2018) to Revision B (October 2018)
Page
• Added % after 100 in Parameter for IERR_DD and IERR_CC under OUTPUT STAGE........................................... 8
• Changed value of "KIREF = 100" to "KIREF = 105".............................................................................................17
Changes from Revision * (October 2018) to Revision A (October 2018)
Page
• Initial release.......................................................................................................................................................1
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
www.ti.com
46
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com