Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS62 Datasheet(PDF) 6 Page - Microchip Technology

Part # 24LCS62
Description  1K/2K Software Addressable I2C??Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS62 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24LCS62 Datasheet HTML 2Page - Microchip Technology 24LCS62 Datasheet HTML 3Page - Microchip Technology 24LCS62 Datasheet HTML 4Page - Microchip Technology 24LCS62 Datasheet HTML 5Page - Microchip Technology 24LCS62 Datasheet HTML 6Page - Microchip Technology 24LCS62 Datasheet HTML 7Page - Microchip Technology 24LCS62 Datasheet HTML 8Page - Microchip Technology 24LCS62 Datasheet HTML 9Page - Microchip Technology 24LCS62 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
24LCS61/24LCS62
DS21226E-page 6
 2004 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
The 24LCS61/62 supports a bidirectional 2-wire bus
and data transmission protocol compatible with the I2C
protocol. The device is configured to reside on a
common I2C bus with up to 255 total 24LCS61/62
devices on the bus. Each device has a unique serial
number assigned to it when delivered from the factory.
In an actual system, this serial number will be used to
assign a separate 8-bit ID byte to each device in the
system. After an ID byte is assigned to each device in
the system, standard Read and Write commands can
be sent to each device individually.
4.1
Device Serial Number
The device serial number is stored in a 48-bit (6 byte)
register that is separate from the data array. The serial
number register is nonvolatile and cannot be changed
by the user. Before shipment from the factory, this
register is programmed with a unique value for every
device. The 48 bit register allows for 2.8
•1014 different
combinations. The serial number is used at power-up
to assign the device an ID byte which is then used for
all standard Read and Write commands sent to that
specific device.
4.2
Device ID Byte
The Device ID byte is an 8-bit value that provides the
means for every device on the bus to be accessed
individually. The ID byte is stored in a RAM register
separate from the data array. The ID byte register will
always default to address 00 upon power-up.
4.3
Device Addressing
Each command to the device must begin with a Start
bit. A control byte is the first byte received following the
Start condition from the master device (Figure 4-1).
The control byte consists of a four-bit control code, the
OE bit, and three command select bits. For the
24LCS61/62, the control code is set to ‘0110’ binary for
all operations. The device will not acknowledge any
commands sent with any other control code. The next
bit is the Output Enable (OE) bit. This bit controls the
operation of the EDS pin. See Section 9.0 “External
Device Select (EDS) Pin and Output Enable (OE)
Bit” for more details. The last three bits of the control
byte are the command select bits (C0-C2). The
command select bits determine which command will be
executed. See Table 4-1. Following a valid control byte,
the 24LCS61/62 will acknowledge the command.
FIGURE 4-1:
CONTROL BYTE FORMAT
TABLE 4-1:
COMMAND CODES
Command
Command Select Bits
(C2 C1 C0)
Set Write Protection Fuse
000
Read
001
Write (Byte or Page)
010
Assign Address
100
Clear Address
110
1
01
0
OE
C2
C1
SACK
Control Code
Command Select
Bits
Acknowledge Bit
Start Bit
C0
Output Enable
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com