Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS62 Datasheet(PDF) 9 Page - Microchip Technology

Part # 24LCS62
Description  1K/2K Software Addressable I2C??Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS62 Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24LCS62 Datasheet HTML 5Page - Microchip Technology 24LCS62 Datasheet HTML 6Page - Microchip Technology 24LCS62 Datasheet HTML 7Page - Microchip Technology 24LCS62 Datasheet HTML 8Page - Microchip Technology 24LCS62 Datasheet HTML 9Page - Microchip Technology 24LCS62 Datasheet HTML 10Page - Microchip Technology 24LCS62 Datasheet HTML 11Page - Microchip Technology 24LCS62 Datasheet HTML 12Page - Microchip Technology 24LCS62 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2004 Microchip Technology Inc.
DS21226E-page 9
24LCS61/24LCS62
TABLE 5-1:
COMMAND SUMMARY TABLE
Command
Result if Device Has Not Yet
Been Assigned an ID Byte
Result if Device Has Already Been
Assigned an ID Byte
Assign Address
command
If device wins arbitration, then ID
byte will become xxh. If device
loses arbitration, then ID byte will
revert back to 00h.
Device will not acknowledge command.
Clear Address
command
Device will remain with ID byte set
to 00h.
Device ID byte will revert back to 00h and will then
acknowledge Assign Address commands.
Read or Write
command with
ID byte set to 00h
Since the default ID byte for the
device is 00h, the device will
execute the command.
Device will acknowledge the control byte, but it will not
acknowledge any further bytes and will not respond to
the command.
Read or Write
command with
ID byte set to xxh
(other than 00h)
Device will acknowledge the
control byte, but it will not acknowl-
edge any further bytes and will not
respond to the command.
If the device ID byte matches the ID byte in the command
(xxh), the device will execute the command. If the device
ID byte does not match the ID byte in the command, then
the device will acknowledge the control byte, but it will
not acknowledge any further bytes and will not respond
to the command.
Set Write-Protect
command with
ID byte set to 00h
Since the default ID address for the
device is 00h, the device will
execute the command.
Device will acknowledge the control byte, but it will not
acknowledge any further bytes and will not respond to
the command.
Set Write Protection
command with
ID byte set to xxh
(other than 00h)
Device will acknowledge the
control byte, but it will not acknowl-
edge any further bytes and will not
respond to the command.
If the device ID byte matches the ID byte in the command
(xxh), the device will execute the command. If the device
ID byte does not match the ID byte in the command, then
the device will acknowledge the control byte, but it will
not acknowledge any further bytes and will not respond
to the command. Note: Once this command has been
executed successfully for a device, the device will no
longer acknowledge any part of this command again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com