Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS62 Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LCS62
Description  1K/2K Software Addressable I2C??Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS62 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LCS62 Datasheet HTML 4Page - Microchip Technology 24LCS62 Datasheet HTML 5Page - Microchip Technology 24LCS62 Datasheet HTML 6Page - Microchip Technology 24LCS62 Datasheet HTML 7Page - Microchip Technology 24LCS62 Datasheet HTML 8Page - Microchip Technology 24LCS62 Datasheet HTML 9Page - Microchip Technology 24LCS62 Datasheet HTML 10Page - Microchip Technology 24LCS62 Datasheet HTML 11Page - Microchip Technology 24LCS62 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
24LCS61/24LCS62
DS21226E-page 8
 2004 Microchip Technology Inc.
5.2
Clear Address Command
The Clear Address command will clear the device ID
byte from all devices on the bus and will enable all
devices to respond to the Assign Address command.
The master must end the command by sending an ACK
after 8 don’t care bits have been transmitted, followed
by a Stop bit. Sending the Stop bit in any other position
of the command will result in the command aborting
and the device releasing the bus.
FIGURE 5-2:
CLEAR ADDRESS COMMAND
5.3
Operation State Diagram
The diagram below shows the state diagram for basic
operation of the 24LCS61/62. This diagram shows
possible states and operational flow once power is
applied to the device. Table 5-1 summarizes operation
of each command for the assigned and unassigned
states.
FIGURE 5-3:
OPERATIONAL STATE DIAGRAM
S
P
S
T
A
R
T
CONTROL
BYTE
S
T
O
P
A
C
K
Device ID Byte
1
01 0
A
C
K
XXXXXXXX
0
11
O
E
Power
Off
Unassigned
State
Assigned
State
Power Off
Power On
Power Off
Assign Address Command:
Device wins Arbitration
Clear Address
Command
Assign Address Command:
Device loses Arbitration
(ID byte not assigned yet)
(ID byte has been assigned)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com