Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC040-I/P Datasheet(PDF) 8 Page - Microchip Technology

Part # 25LC040-I/P
Description  4K SPI ??Bus Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC040-I/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button 25LC040-I/P Datasheet HTML 4Page - Microchip Technology 25LC040-I/P Datasheet HTML 5Page - Microchip Technology 25LC040-I/P Datasheet HTML 6Page - Microchip Technology 25LC040-I/P Datasheet HTML 7Page - Microchip Technology 25LC040-I/P Datasheet HTML 8Page - Microchip Technology 25LC040-I/P Datasheet HTML 9Page - Microchip Technology 25LC040-I/P Datasheet HTML 10Page - Microchip Technology 25LC040-I/P Datasheet HTML 11Page - Microchip Technology 25LC040-I/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
25AA040/25LC040/25C040
DS21204E-page 8
© 2006 Microchip Technology Inc.
FIGURE 3-1:
READ SEQUENCE
FIGURE 3-2:
BYTE WRITE SEQUENCE
FIGURE 3-3:
PAGE WRITE SEQUENCE
SO
SI
SCK
CS
0
23456789
10 11
12 13 14 15 16 17 18 19 20 21 22
1
01
A8
0
0
0
01
A7
6
5
4
1A0
76543210
Instruction
Lower Address Byte
Data Out
High-impedance
23
32
Don’t Care
SO
SI
SCK
CS
0
23456789
10 11
12 13 14 15 16 17 18 19 20 21 22
1
00
A8
0
0
0
0
A7
6
5
4
1A0
76543210
Instruction
Lower Address Byte
Data Byte
High-impedance
23
32
1
TWC
SI
CS
9 1011
14151617 1819202122 23 24
00
A8
0
0
0
01
A7
6
5
4
21
0
76
54321
0
Instruction
Lower Address Byte
Data Byte 1
SCK
0
234
567
18
SI
CS
34 35 36
39 40
7
65432
10
Data Byte n (16 max)
SCK
25
27 28 29 30
31 32
26
33
7
6543
210
Data Byte 3
7
6543
210
Data Byte 2
37 38
3
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com