Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC040-I/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 25LC040-I/P
Description  4K SPI ??Bus Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC040-I/P Datasheet(HTML) 1 Page - Microchip Technology

  25LC040-I/P Datasheet HTML 1Page - Microchip Technology 25LC040-I/P Datasheet HTML 2Page - Microchip Technology 25LC040-I/P Datasheet HTML 3Page - Microchip Technology 25LC040-I/P Datasheet HTML 4Page - Microchip Technology 25LC040-I/P Datasheet HTML 5Page - Microchip Technology 25LC040-I/P Datasheet HTML 6Page - Microchip Technology 25LC040-I/P Datasheet HTML 7Page - Microchip Technology 25LC040-I/P Datasheet HTML 8Page - Microchip Technology 25LC040-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2006 Microchip Technology Inc.
DS21204E-page 1
25AA040/25LC040/25C040
Device Selection Table
Features:
• Low-power CMOS technology:
- Write current: 3 mA, typical
- Read current: 500
μA, typical
- Standby current: 500 nA, typical
• 512 x 8-bit organization
• 16 byte page
• Write cycle time: 5 ms max.
• Self-timed Erase and Write cycles
• Block write protection:
- Protect none, 1/4, 1/2 or all of array
• Built-in write protection:
- Power on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Sequential read
• High reliability:
- Endurance: 1M cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• 8-pin PDIP, SOIC and TSSOP packages
• Temperature ranges supported:
Description:
The Microchip Technology Inc. 25AA040/25LC040/
25C040 (25XX040*) is a 4 Kbit serial Electrically
Erasable PROM. The memory is accessed via a simple
Serial Peripheral Interface (SPI) compatible serial bus.
The bus signals required are a clock input (SCK) plus
separate data in (SI) and data out (SO) lines. Access to
the device is controlled through a Chip Select (CS)
input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused, transi-
tions on its inputs will be ignored, with the exception of
Chip Select, allowing the host to service higher priority
interrupts. Also, write operations to the device can be
disabled via the write-protect pin (WP).
Package Types
Block Diagram
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
25AA040
1.8-5.5V
1 MHz
I
25LC040
2.5-5.5V
2 MHz
I
25C040
4.5-5.5V
3 MHz
I,E
- Industrial (I):
-40
°Cto +85°C
- Automotive (E) (25C040):
-40°C to +125°C
CS
SO
WP
VSS
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
CS
SO
WP
VSS
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
HOLD
VCC
CS
SO
1
2
3
4
8
7
6
5
SCK
SI
VSS
WP
PDIP
SOIC
TSSOP
SI
SO
SCK
CS
HOLD
WP
STATUS
Register
I/O Control
Memory
Control
Logic
HV Generator
EEPROM
Array
Page
Y Decoder
Sense Amp.
R/W Control
Logic
VCC
VSS
XDEC
Latches
4K SPI Bus Serial EEPROM
*25XX040 is used in this document as a generic part number
for the 25AA040/25LC040/25C040 devices.
Not recommended for new designs –
Please use 25AA040A or 25LC040A.


Similar Part No. - 25LC040-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC040 MICROCHIP-25LC040 Datasheet
240Kb / 12P
4K SPI ??Bus Serial EEPROM
2006
25LC040 MICROCHIP-25LC040 Datasheet
335Kb / 22P
4K SPI Bus Serial EEPROM
08/29/06
25LC040A MICROCHIP-25LC040A Datasheet
571Kb / 28P
4K SPI Bus Serial EEPROM
2007
25LC040A MICROCHIP-25LC040A Datasheet
475Kb / 30P
4K SPI Bus Serial EEPROM
2009
25LC040A MICROCHIP-25LC040A Datasheet
348Kb / 24P
1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
More results

Similar Description - 25LC040-I/P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
Jun-1996
logo
Fairchild Semiconductor
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Microchip Technology
25AA040 MICROCHIP-25AA040 Datasheet
240Kb / 12P
4K SPI ??Bus Serial EEPROM
2006
25AA040A MICROCHIP-25AA040A Datasheet
571Kb / 28P
4K SPI Bus Serial EEPROM
2007
25AA040A MICROCHIP-25AA040A_09 Datasheet
475Kb / 30P
4K SPI Bus Serial EEPROM
2009
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Microchip Technology
25LC040P MICROCHIP-25LC040P Datasheet
421Kb / 22P
4K SPI Bus Serial EEPROM
2006
25AA040A MICROCHIP-25AA040A_12 Datasheet
1Mb / 38P
4K SPI Bus Serial EEPROM
11/27/12
25AA040 MICROCHIP-25AA040 Datasheet
335Kb / 22P
4K SPI Bus Serial EEPROM
08/29/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com