Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC040-I/P Datasheet(PDF) 12 Page - Microchip Technology

Part # 25LC040-I/P
Description  4K SPI ??Bus Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC040-I/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button 25LC040-I/P Datasheet HTML 8Page - Microchip Technology 25LC040-I/P Datasheet HTML 9Page - Microchip Technology 25LC040-I/P Datasheet HTML 10Page - Microchip Technology 25LC040-I/P Datasheet HTML 11Page - Microchip Technology 25LC040-I/P Datasheet HTML 12Page - Microchip Technology 25LC040-I/P Datasheet HTML 13Page - Microchip Technology 25LC040-I/P Datasheet HTML 14Page - Microchip Technology 25LC040-I/P Datasheet HTML 15Page - Microchip Technology 25LC040-I/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
25AA040/25LC040/25C040
DS21204E-page 12
© 2006 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead TSSOP
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
XXXX
YYWW
NNN
25AA040
I/P
1L7
0601
25AA040I/
SN
0601
1L7
5A4X
0601
1L7
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com