Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1027CEOR Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1027CEOR
Description  Linear Building Block - Quad Low Power Comparator and Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1027CEOR Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1027CEOR Datasheet HTML 3Page - Microchip Technology TC1027CEOR Datasheet HTML 4Page - Microchip Technology TC1027CEOR Datasheet HTML 5Page - Microchip Technology TC1027CEOR Datasheet HTML 6Page - Microchip Technology TC1027CEOR Datasheet HTML 7Page - Microchip Technology TC1027CEOR Datasheet HTML 8Page - Microchip Technology TC1027CEOR Datasheet HTML 9Page - Microchip Technology TC1027CEOR Datasheet HTML 10Page - Microchip Technology TC1027CEOR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21284B-page 7
TC1027
FIGURE 4-3:
32.768 kHz “TIME OF
DAY” CLOCK
OSCILLATOR
FIGURE 4-4:
NON-RETRIGGERABLE MULTIVIBRATOR
FIGURE 4-5:
SQUARE WAVE GENERATOR
+
VDD
VOUT
VDD
RB
150k
RA
150k
RC
1M
CA
100pF
32.768kHz
Vper = 30.52µsec
1/4
TC1027
+
+
VDD
CMPTR1
CMPTR2
IN
IN
OUT
OUT
R3
1M
R4
1M
R6
562k
R7
1M
R2
100k
R1
100k
R8
D2
D1
10M
R9
243k
R5
10M
C1
100pF
R10
61.9k
A
B
C
GND
t0
C
GND
VDD
GND
VDD
TC1025
TC1027
+
R1
100k
VDD
R4
VDD
R3
100k
R2
100k
C1
VH =
R2 (VDD)
R2 + (R1||R3)
VL =
(VDD) (R2||R3)
R1 + (R2||R3)
FREQ =
1
2(0.694)(R4)(C1)
1/4
TC1027



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com