Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1027CEOR Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1027CEOR
Description  Linear Building Block - Quad Low Power Comparator and Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1027CEOR Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1027CEOR Datasheet HTML 5Page - Microchip Technology TC1027CEOR Datasheet HTML 6Page - Microchip Technology TC1027CEOR Datasheet HTML 7Page - Microchip Technology TC1027CEOR Datasheet HTML 8Page - Microchip Technology TC1027CEOR Datasheet HTML 9Page - Microchip Technology TC1027CEOR Datasheet HTML 10Page - Microchip Technology TC1027CEOR Datasheet HTML 11Page - Microchip Technology TC1027CEOR Datasheet HTML 12Page - Microchip Technology TC1027CEOR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21284B-page 9
TC1027
5.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
7
6
5
4
3
2
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
Comparator Propagation Delay
vs. Supply Voltage
Overdrive = 10mV
Overdrive = 50mV
7
6
5
4
3
2
1.5
2
2.5
3
3.5
4
4.5
5
5.5
7
6
5
4
3
-40
°C85°C
25
°C
TEMPERATURE (
°C)
Overdrive = 100mV
Overdrive = 10mV
Overdrive = 50mV
Comparator Propagation Delay
vs. Supply Voltage
Comparator Propagation Delay
vs. Temperature
TA = 25°C
CL = 100pF
TA = 25°C
CL = 100pF
Overdrive = 100mV
VDD = 4V
VDD = 5V
VDD = 2V
VDD = 3V
-40
°C85°C
25
°C
2.5
2.0
1.5
1.0
.5
0
0
12
3
45
6
ISOURCE (mA)
7
6
5
4
3
Comparator Output Swing
vs. Output Source Current
Overdrive = 100mV
2.5
2.0
1.5
1.0
.5
0
0
12
34
5
Comparator Propagation Delay
vs. Temperature
Comparator Output Swing
vs. Output Sink Current
TEMPERATURE (
°C)
ISINK (mA)
VDD = 4V
VDD = 5V
VDD = 2V
VDD = 3V
TA = 25°C
TA = 25°C
VDD = 3V
VDD = 1.8V
VDD = 5.5V
VDD = 3V
VDD = 1.8V
VDD = 5.5V
6
60
50
Sinking
40
30
20
10
0
0
12
3
45
6
SUPPLY VOLTAGE (V)
Comparator Output Short-Circuit
Current vs. Supply Voltage
Sourcing
TA = -40°C
T A
=
-40
°C
TA = 25°C
TA = 85°C
TA = 25°C
TA = 85°C
1.240
1.220
1.200
1.180
1.160
1.140
0
24
6
8
10
LOAD CURRENT (mA)
Reference Voltage vs.
Load Current
VDD = 1.8V
VDD = 3V
VDD = 5.5V
Sinking
Sourcing
VDD = 1.8V
VDD = 3V
VDD = 5.5V
4
3
2
1
0
0
100
200
300
400
TIME (
µsec)
Line Transient
Response of VREF
VDD
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com