Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1027CEOR Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1027CEOR
Description  Linear Building Block - Quad Low Power Comparator and Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1027CEOR Datasheet(HTML) 2 Page - Microchip Technology

  TC1027CEOR Datasheet HTML 1Page - Microchip Technology TC1027CEOR Datasheet HTML 2Page - Microchip Technology TC1027CEOR Datasheet HTML 3Page - Microchip Technology TC1027CEOR Datasheet HTML 4Page - Microchip Technology TC1027CEOR Datasheet HTML 5Page - Microchip Technology TC1027CEOR Datasheet HTML 6Page - Microchip Technology TC1027CEOR Datasheet HTML 7Page - Microchip Technology TC1027CEOR Datasheet HTML 8Page - Microchip Technology TC1027CEOR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC1027
DS21284B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................6.0V
Voltage on Any Pin .......... (VSS – 0.3V) to (VDD +0.3V)
Junction Temperature....................................... +150°C
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range .............. -55°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1027 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Typical values apply at 25°C and VDD = 3.0V. Minimum and maximum values apply for TA = -40° to
+85°C, and VDD = 1.8V to 5.5V, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDD
Supply Voltage
1.8
5.5
V
IQ
Supply Current
18
26
µA
All outputs unloaded
Comparator
VICMR
Common Mode Input Voltage Range
VSS –0.2
VDD +0.2
V
VOS
Input Offset Voltage
-5
-5
—+5
+5
mV
mV
VDD =3V, VCM =1.5V, TA =25°C
TA = -40°C to 85°C
IB
Input Bias Current
±100
pA
TA = 25°C, IN+,IN- = VDD to VSS
VOH
Output High Voltage
VDD –0.3
V
RL =10kΩ to VSS
VOL
Output Low Voltage
0.3
V
RL =10kΩ to VDD
CMRR
Common Mode Rejection Ratio
66
dB
TA =25°C, VDD =5V
VCM =VDD to VSS
PSRR
Power Supply Rejection Ratio
60
dB
TA =25°C, VCM =1.2V
VDD =1.8V to 5V
ISRC
Output Source Current
1
mA
IN+ = VDD,IN- = VSS,
Output ShortedtoVSS
VDD =1.8V
ISINK
Output Sink Current
2
mA
IN+ = VSS,IN- = VDD,
Output ShortedtoVDD
VDD =1.8V
tPD1
Response Time
4
µsec
100mV Overdrive, CL = 100pF
tPD2
Response Time
6
µsec
10mV Overdrive, CL = 100pF
Voltage Reference
VREF
Reference Voltage
1.176
1.200
1.224
V
IREF(SOURCE) Source Current
50
µA
IREF(SINK)
Sink Current
50
µA
CL(REF)
Load Capacitance
100
PF
EVREF
Noise Voltage
20
µVRMS 100Hz to 100kHz
eVREF
Noise Voltage Density
1.0
µV/√Hz 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com