Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6316 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6316
Description  4-CHANNEL LOW POWER PREAMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6316 Datasheet(HTML) 2 Page - STMicroelectronics

  L6316 Datasheet HTML 1Page - STMicroelectronics L6316 Datasheet HTML 2Page - STMicroelectronics L6316 Datasheet HTML 3Page - STMicroelectronics L6316 Datasheet HTML 4Page - STMicroelectronics L6316 Datasheet HTML 5Page - STMicroelectronics L6316 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L6316
2/6
Figure 2. Preamplifier Block Diagram
RXW
PREDRIVER
WRITE
DRIVERS
VCC (+5V)
VGND (0V)
VEE (-3V)
WDX
WDY
FLT
SDATA
SCLK
SEN
TFI
RDX
RDY
FAULT PROCESSOR
Low supply detection,
Open/short heads,
Low write frequency,
High temperature
SERIAL INTERFACE
CONTROL
HEAD SELECTION
&
MODE CONTROL
VREF
MR
READ
INPUT
STAGES
Vmr, Iw
RW enable
head select
WRITE
DAC
READ
BIAS
DAC
ABHV,
MR meas,
TEMP meas
Temperature
monitoring
Gain boost
Low pass filter
3v
3v
L6316
High pass
filter
Rin DAC
HW0Y
HW0X
HW1Y
HW1X
HW3Y
HW3X
HW2Y
HW2X
HR0Y
HR0X
HR1Y
HR1X
HR3Y
HR3X
HR2Y
HR2X



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com