Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6316 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6316
Description  4-CHANNEL LOW POWER PREAMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6316 Datasheet(HTML) 3 Page - STMicroelectronics

  L6316 Datasheet HTML 1Page - STMicroelectronics L6316 Datasheet HTML 2Page - STMicroelectronics L6316 Datasheet HTML 3Page - STMicroelectronics L6316 Datasheet HTML 4Page - STMicroelectronics L6316 Datasheet HTML 5Page - STMicroelectronics L6316 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
L6316
Figure 3. Flip Chip Pinout Diagram - BUMPS DOWN
Note: Minimum pad pitch = 204 um and pad opening (octagonal) = 70 um
Bump Sequence (see next table for coordinates)
Die dimensions:
X = 2192 ±20 um
Y = 2686 ±20 um
Minimum distance between pads opening center to center:
204um
Wafer thickness:
500 ±20 um
Bump height:
90
±15 um
Bump diameter:
120 ±15 um
Die center misalignment w.r.t original die center after cut:
38 um
Bump material if eutectic:
63% Tin, 37% Lead
Bump material if lead free:
96% Tin, 3.5% Silver, 0.5% Copper
Note: VREF PAD can be left floating or grounded. DO NOT CONNECT IT ANYWHERE ELSE.
TF
VEE GND VCC
HR3Y
HR3X
HW3Y
HW3X
HW2X
HW2Y
HW1Y
HW1X
HW0X
HW0Y
HR2Y
HR1Y
HR2X
HR1X
SDEN
WDY
SCLK
RDX
RDY
SDATA
RXW
FLT
WDX
VEE GND VREF VCC
HR0Y
HR0X
0,0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com