Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6316 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6316
Description  4-CHANNEL LOW POWER PREAMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6316 Datasheet(HTML) 1 Page - STMicroelectronics

  L6316 Datasheet HTML 1Page - STMicroelectronics L6316 Datasheet HTML 2Page - STMicroelectronics L6316 Datasheet HTML 3Page - STMicroelectronics L6316 Datasheet HTML 4Page - STMicroelectronics L6316 Datasheet HTML 5Page - STMicroelectronics L6316 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
L6316
September 2004
This is preliminary information on a new product now in development. Details are subject to change without notice.
1
FEATURES
■
Dual Power Supplies of +5V, 10% and -3v, 6%
■
Low Power consumption; 980 mW @ 800Mb/s
(Single Head 100% Write mode duty cycle,
Random pattern, Iw = 40mA, Max Ovs).
■
Flip Chip package.L6316
■
Differential Voltage Bias / Voltage Sense
architecture. Current Bias available
■
Programmable read input differential
impedance.
■
Selectable read path bandwidth from 200 to
>600 MHz (Rmr=40
Ω). (Parameter dependent
on interconnect)
■
Selectable LF corner (1, 2.5, 3.5 or 5.5 MHz with
RMR=40
Ω).
■
Noise Figure of merit; 2.2 dB (Rmr=40
Ω)
■
MR bias voltage programmable from 70 to 225
mV nom. (5 bits) (7.2mA max).
■
MR bias current programmable from 0.65 to
7.2 mA nom. (5 bits) (225mV max).
■
Read input stage optimized for MR resistance
from 20 to 70 Ohm.
■
Programmable read voltage gain of 37, 40, 43,
46 dB Rmr = 40
Ω, Rload = 100Ω
■
Fully Differential write driver: Programmable
overshoot amplitude (3bits) and duration (2bits).
■
Write current rise/fall time with custom head and
interconnect model 140 pS at 40 mA (10% to
90%) (Steady state to steady state)
■
Write current amplitude programmable (5 bits) 0
to 62 mA (0-pk).
■
Bi-directional 16-bit serial interface 2.5V and
3.3V CMOS compatible.
■
2-pin (RXW and TFI), 2 bits mode selection
(WAKE, ENTFI).
■
All control signals are 2.5 & 3.3V CMOS
compatible.
■
Analog buffered head voltage ABHV (gain of 5)
■
Automatic digital MR resistance measurement
(7 bits).
■
Read head open detection, Read head shorted
detection.
■
Write head open or shorted to ground, Writer to
Reader short, write data frequency too low
detection.
■
SAFEDETECT method for write fault detection.
■
Low VCC or VEE supply & die over temperature
detect, Analog Temperature Measurement.
■
Fast write-to-read recovery 150nS (max) (same
head).
■
Head-to-head switch in read mode 1.5us (nom).
■
Zero MR bias, very low power (43mW) idle mode
with fast recovery to read mode 1.5us (nom).
■
MR bias switching without overshoot for head
protection.
■
Read-to-Write switching 50nS (max) (same
head).
■
ESD diodes for MR head protection
2
DESCRIPTION
The L6316 is a BICMOS Silicon Germanium inte-
grated circuit differential preamplifier. It is de-
signed for use with four-terminal MR read and in-
ductive write heads. In read mode, the device
consists of a fully differential amplifier, offering;
voltage or current bias, voltage-sense input, pro-
grammable input impedance, low noise and high
bandwidth. In write mode, it includes fast current
switching differential write drivers, which support
data rates up to 1200 Mb/s.
This preamplifier provides programmable read
voltage or current bias and write current (5 bit
DACs for the read bias and for the write current),
fault detection circuitry and servo track writing fea-
tures. Read amplifier gain, low corner frequency,
and write current wave shape are adjustable. The
amplitude and duration of the overshoot are sepa-
rately programmable through a 16-bit bi-direction-
al serial interface (SEN, SDATA, and SCLK). The
device operates from +5V and -3V supplies.
DATA BRIEF
4-CHANNEL LOW POWER PREAMPLIFIER
Rev. 1
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L6316
Flip Chip
Flip Chip


Similar Part No. - L6316

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L631 CRYDOM-L631 Datasheet
585Kb / 4P
Power Modules
logo
Hamamatsu Corporation
L6310 HAMAMATSU-L6310 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
L6311 HAMAMATSU-L6311 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
L6311-50 HAMAMATSU-L6311-50 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
L6312 HAMAMATSU-L6312 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
More results

Similar Description - L6316

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
LOW NOISE DUAL PREAMPLIFIER
logo
National Semiconductor ...
CLC5509 NSC-CLC5509 Datasheet
445Kb / 11P
Ultra-Low Noise Preamplifier
logo
STMicroelectronics
L6327 STMICROELECTRONICS-L6327 Datasheet
60Kb / 4P
6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER
Feb-2001
TDA7334 STMICROELECTRONICS-TDA7334 Datasheet
160Kb / 11P
LOW NOISE STEREO PREAMPLIFIER
Nov-1999
logo
Hitachi Semiconductor
HA12017 HITACHI-HA12017 Datasheet
494Kb / 6P
LOW NOISE PREAMPLIFIER
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
Low Noise Preamplifier
logo
STMicroelectronics
TDA7232 STMICROELECTRONICS-TDA7232 Datasheet
567Kb / 12P
LOW NOISE PREAMPLIFIER COMPRESSOR
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
Low Noise Dual Preamplifier
logo
STMicroelectronics
L6440 STMICROELECTRONICS-L6440 Datasheet
67Kb / 3P
4-Channel ultra low power GMR-TMR preamplifier for HDD applications
12-Jul-2006
logo
ON Semiconductor
LA3161 ONSEMI-LA3161 Datasheet
134Kb / 7P
2-Channel Preamplifier
August 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com