Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1185 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1185
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1185 Datasheet(HTML) 4 Page - Microchip Technology

  TC1185 Datasheet HTML 1Page - Microchip Technology TC1185 Datasheet HTML 2Page - Microchip Technology TC1185 Datasheet HTML 3Page - Microchip Technology TC1185 Datasheet HTML 4Page - Microchip Technology TC1185 Datasheet HTML 5Page - Microchip Technology TC1185 Datasheet HTML 6Page - Microchip Technology TC1185 Datasheet HTML 7Page - Microchip Technology TC1185 Datasheet HTML 8Page - Microchip Technology TC1185 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TC1014/TC1015/TC1185
DS21335E-page 4
© 2007 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise specified, all parts are measured at temperature = +25°C.
FIGURE 2-1:
Dropout Voltage vs.
Temperature.
FIGURE 2-2:
Dropout Voltage vs.
Temperature.
FIGURE 2-3:
Ground Current vs. Input
Voltage (VIN).
FIGURE 2-4:
Dropout Voltage vs.
Temperature.
FIGURE 2-5:
Dropout Voltage vs.
Temperature.
FIGURE 2-6:
Ground Current vs. Input
Voltage (VIN).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Dropout Voltage vs. Temperature
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
-40
-20
0
20
50
70
125
TEMPERATURE (
°C)
CIN = 1µF
COUT = 1µF
VOUT = 3.3V
ILOAD = 10mA
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.140
0.160
0.180
0.200
-40
-20
0
20
50
70
125
TEMPERATURE (
°C)
CIN = 1µF
COUT = 1µF
Dropout Voltage vs. Temperature
VOUT = 3.3V
ILOAD = 100mA
0
10
20
30
40
50
60
70
80
90
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5
VIN (V)
CIN = 1µF
COUT = 1µF
Ground Current vs. VIN
VOUT = 3.3V
ILOAD = 10mA
Dropout Voltage vs. Temperature
0.000
0.010
0.020
0.030
0.040
0.050
0.060
0.070
0.080
0.090
0.100
-40
-20
0
20
50
70
125
TEMPERATURE (
°C)
CIN = 1µF
COUT = 1µF
VOUT = 3.3V
ILOAD = 50mA
0.000
0.050
0.100
0.150
0.200
0.250
0.300
-40
-20
0
20
50
70
125
TEMPERATURE (
°C)
CIN = 1µF
COUT = 1µF
Dropout Voltage vs. Temperature
VOUT = 3.3V
ILOAD = 150mA
0
10
20
30
40
50
60
70
80
90
11.5 22.5 33.5 44.5 55.5 66.5 77.5
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
5 5.5 6 6.5 7 7.5
VIN (V)
CIN = 1µF
COUT = 1µF
Ground Current vs. VIN
VOUT = 3.3V
ILOAD = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com