Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1185 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1185
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1185 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1185 Datasheet HTML 7Page - Microchip Technology TC1185 Datasheet HTML 8Page - Microchip Technology TC1185 Datasheet HTML 9Page - Microchip Technology TC1185 Datasheet HTML 10Page - Microchip Technology TC1185 Datasheet HTML 11Page - Microchip Technology TC1185 Datasheet HTML 12Page - Microchip Technology TC1185 Datasheet HTML 13Page - Microchip Technology TC1185 Datasheet HTML 14Page - Microchip Technology TC1185 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21335E-page 11
TC1014/TC1015/TC1185
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Input Voltage (VIN)
Connect the VIN pin to the unregulated source
voltage. Like all low dropout linear regulators, low
source impedance is necessary for the stable
operation of the LDO. The amount of capacitance
required to ensure low source impedance will
depend on the proximity of the input source
capacitors or battery type. For most applications,
1.0 µF of capacitance will ensure stable operation
of the LDO circuit. The type of capacitor used can
be ceramic, tantalum or aluminum electrolytic.
The low Effective Series Resistance (ESR) char-
acteristics of the ceramic will yield better noise
and Power Supply Ripple Rejection (PSRR)
performance at high frequency.
3.2
Ground Terminal (GND)
Connect the ground pin to the input voltage
return. For the optimal noise and PSRR
performance, the GND pin of the LDO should be
tied to a quiet circuit ground. For applications
have switching or noisy inputs tie the GND pin to
the return of the output capacitor. Ground planes
help lower inductance and voltage spikes caused
by fast transient load currents and are
recommended for applications that are subjected
to fast load transients.
3.3
Shutdown (SHDN)
The Shutdown input is used to turn the LDO on
and off. When the SHDN pin is at a logic high
level, the LDO output is enabled. When the
SHDN pin is pulled to a logic low, the LDO output
is disabled. When disabled, the quiescent current
used by the LDO is less than 0.5 µA max.
3.4
Bypass
Connecting a low-value ceramic capacitor to the
Bypass pin will further reduce output voltage
noise and improve the PSRR performance of the
LDO. While smaller and larger values can be
used, these affect the speed at which the LDO
output voltage rises when the input power is
applied. The larger the bypass capacitor, the
slower the output voltage will rise.
3.5
Output Voltage (VOUT)
Connect the output load to VOUT of the LDO. Also
connect one side of the LDO output capacitor as
close as possible to the VOUT pin.
Pin No.
(5-Pin SOT-23)
Symbol
Description
1VIN
Unregulated supply input.
2
GND
Ground terminal.
3
SHDN
Shutdown control input. The regulator is fully enabled when a logic high is applied to
this input. The regulator enters shutdown when a logic low is applied to this input.
During shutdown, output voltage falls to zero and supply current is reduced to
0.5 µA (maximum).
4
Bypass
Reference bypass input. Connecting a 470 pF to this input further reduces output
noise.
5VOUT
Regulated voltage output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com