Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1185 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC1185
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1185 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC1185 Datasheet HTML 13Page - Microchip Technology TC1185 Datasheet HTML 14Page - Microchip Technology TC1185 Datasheet HTML 15Page - Microchip Technology TC1185 Datasheet HTML 16Page - Microchip Technology TC1185 Datasheet HTML 17Page - Microchip Technology TC1185 Datasheet HTML 18Page - Microchip Technology TC1185 Datasheet HTML 19Page - Microchip Technology TC1185 Datasheet HTML 20Page - Microchip Technology TC1185 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21335E-page 17
TC1014/TC1015/TC1185
APPENDIX A: REVISION HISTORY
Revision E (February 2007)
• Section 1.0 “Electrical characteristics”:
Changed Dropout Voltage from mA to µA.
• Updated “Product Identification System”,
page 19.
• Updated Section 6.0 “Packaging Information”.
Revision D (April 2006)
• Removed “ERROR is open circuited” from SHDN
pin description in Pin Function Table.
• Added verbiage for pinout descriptions in Pin
Function Table.
• Replaced verbiage in first paragraph of Section
4.0 Detailed Description.
• Added Section 4.3 Input Capacitor
Revision C (January 2006)
• Changed TR suffix to 713 suffix in Taping Form in
Package Marking Section
Revision B (May 2002)
• Converted Telcom data sheet to Microchip
standard for Analog Handbook
Revision A (February 2001)
• Original Release of this Document under Telcom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com