Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324WN Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM324WN
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324WN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM324WN Datasheet HTML 2Page - STMicroelectronics LM324WN Datasheet HTML 3Page - STMicroelectronics LM324WN Datasheet HTML 4Page - STMicroelectronics LM324WN Datasheet HTML 5Page - STMicroelectronics LM324WN Datasheet HTML 6Page - STMicroelectronics LM324WN Datasheet HTML 7Page - STMicroelectronics LM324WN Datasheet HTML 8Page - STMicroelectronics LM324WN Datasheet HTML 9Page - STMicroelectronics LM324WN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical Characteristics
LM124W-LM224W-LM324W
6/16
Figure 3.
Input bias current vs. ambient
temperature
Figure 4.
Current limiting
Figure 5.
Input voltage range
Figure 6.
Supply current
Figure 7.
Gain bandwidth product
Figure 8.
Common mode rejection ratio
-55-35-15 5 25 45 65 85 105 125
AMBIENT TEMPERATURE (°C)
24
21
18
15
9
12
6
3
0
INPUT BIAS CURRENT
versus AMBIENT TEMPERATURE
IB (nA)
SUPPLY CURRENT
010
20
30
Tamb = -55°C
VCC
mA
ID
-
+
Tamb = 0°C to +125°C
POSITIVE SUPPLY VOLTAGE (V)
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com