Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324WN Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM324WN
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324WN Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM324WN Datasheet HTML 5Page - STMicroelectronics LM324WN Datasheet HTML 6Page - STMicroelectronics LM324WN Datasheet HTML 7Page - STMicroelectronics LM324WN Datasheet HTML 8Page - STMicroelectronics LM324WN Datasheet HTML 9Page - STMicroelectronics LM324WN Datasheet HTML 10Page - STMicroelectronics LM324WN Datasheet HTML 11Page - STMicroelectronics LM324WN Datasheet HTML 12Page - STMicroelectronics LM324WN Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LM124W-LM224W-LM324W
Typical Single - Supply Applications
9/16
4
Typical Single - Supply Applications
Figure 14. AC coupled inverting amplifier
Figure 15. High input Z adjustable gaind DC
instrumentation amplifier
Figure 16. AC coupled non inverting amplifier
Figure 17. DC summing amplifier
Figure 18. Non-inverting DC gain
Figure 19. Low drift peak detector
1/4
LM124W
~
0
2VPP
R
10kW
L
Co
eo
R
6.2k
W
B
R
100k
W
f
R1
10k
W
CI
eI
VCC
R2
100k
W
C1
10mF
R3
100k
W
A= -
R
R1
V
f
(as shown A
= -10)
V
1/4
LM124W
R3
100k
W
e
O
1/4
LM124W
R1
100k
W
e
1
1/4
LM124W
R7
100k
W
R6
100k
W
R5
100k
W
e
2
R2
2k
W
Gain adjust
R4
100k
W
if R1 = R5 and R3 = R4 = R6 = R7
e0 =
(e2 -e1)
As shown e0 = 101 (e2 - e1).
1
2R
1
R
2
-----------
+
1/4
LM124W
~
0
2VPP
R
10kW
L
Co
eo
R
6.2k
W
B
C1
0.1mF
eI
VCC
(as shown A
= 11)
V
A
= 1+ R2
R1
V
R1
100k
W
R2
1M
W
CI
R3
1M
W
R4
100k
W
R5
100kW
C2
10mF
1/4
LM124W
e
O
e
4
e
3
e
2
e
1
100k
W
100k
W
100k
W
100k
W
100k
W
100kW
e0 = e1 +e2 -e3 -e4
Where (e1 +e2) (e3 +e4)
to keep e0 0V
R1
10k
W
R2
1M
W
1/4
LM124W
10k
W
e I
e
O
+5V
(mV)
0
AV=1 +
R2
R1
(As shown
= 101)
A
V
I
B
2N 929
0.001mF
I
B
3R
3M
W
I
B
Input current
compensation
eo
I
B
e I
1/4
LM124W
Z
o
Z
I
C
1mF
2I
B
R
1M
W
2I
B
* Polycarbonate or polyethylene
*
1/4
LM124W
1/4
LM124W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com