Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324WN Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM324WN
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324WN Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM324WN Datasheet HTML 6Page - STMicroelectronics LM324WN Datasheet HTML 7Page - STMicroelectronics LM324WN Datasheet HTML 8Page - STMicroelectronics LM324WN Datasheet HTML 9Page - STMicroelectronics LM324WN Datasheet HTML 10Page - STMicroelectronics LM324WN Datasheet HTML 11Page - STMicroelectronics LM324WN Datasheet HTML 12Page - STMicroelectronics LM324WN Datasheet HTML 13Page - STMicroelectronics LM324WN Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical Single - Supply Applications
LM124W-LM224W-LM324W
10/16
Figure 20. Activer bandpass filter
Figure 21. High input Z, DC differential
amplifier
Figure 22. Using symmetrical amplifiers to
reduce input current (general
concept)
1/4
LM124W
1/4
LM124W
R3
10kW
1/4
LM124W
e
1
e
O
R8
100k
W
R7
100k
W
C3
10mF
VCC
R5
470k
W
C2
330pF
R4
10M
W
R6
470k
W
R1
100k
W
C1
330pF
Fo = 1kHz
Q = 50
Av = 100 (40dB)
1/4
LM124W
R1
100k
W
R2
100k
W
R4
100k
W
R3
100k
W
+V2
+V1
Vo
1/4
LM124W
For
(CMRR depends on this resistor ratio match)
R
1
R
2
-------
R
4
R
3
-------
=
e0
(e2 - e1)
As shown e0 = (e2 - e1)
1
R
4
R
3
-------
+
⎝⎠
⎛⎞
1/4
LM124W
I
B
2N 929
0.001mF
I
B
3M
W
I
B
eo
I
I
e I
I
B
I
B
Aux. amplifier for input
current compensation
1.5M
W
1/4
LM124W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com