Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6920DB Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6920DB
Description  Synchronous rectifier step up converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920DB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6920DB Datasheet HTML 3Page - STMicroelectronics L6920DB Datasheet HTML 4Page - STMicroelectronics L6920DB Datasheet HTML 5Page - STMicroelectronics L6920DB Datasheet HTML 6Page - STMicroelectronics L6920DB Datasheet HTML 7Page - STMicroelectronics L6920DB Datasheet HTML 8Page - STMicroelectronics L6920DB Datasheet HTML 9Page - STMicroelectronics L6920DB Datasheet HTML 10Page - STMicroelectronics L6920DB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L6920DB
Detailed description
7/16
5
Detailed description
The L6920DB is a high efficiency, low voltage step-up DC/DC converter particularly suitable
for 1 to 3 cells (Li-Ion/ polymer, NiMH respectively) battery up conversion.
These performances are achieved via a strong reduction of quiescent current (10
µA only)
and adopting a synchronous rectification that implies also a reduced cost in the application
(no external diode required).
Operation is based on maximum ON time - minimum OFF time control, tailored by a current
limit set to 800mA. A simplified block diagram is shown here below.
Figure 5.
Simplified block diagram
5.1
Principle of operation
In L6920DB the control is based on a comparator that continuously checks the status of
output voltage.
If the output voltage is lower than the expected value, the control function of the L6920DB
directs the energy stored in the inductor to be transferred to the load. This is accomplished
by alternating between two basic steps:
TON phase: the energy is transferred from the battery to the inductor by shorting LX
node to ground via the N-channel power switch. The switch is turned off if the current
flowing in the inductor reaches 750mA or after a maximum on time set to 5
µs.
TOFF phase: the energy stored in the inductor is transferred to the load through the
synchronous switch for at least a minimum off time equal to 1
µs. After this, the
synchronous switch is turned off as soon as the output voltage goes lower than the
regulated voltage or the current flowing in the inductor goes down to zero.
R
Q
S
Ton max
5
µsec
Toff min
1
µsec
VBG
VBG
VBG
A
B
C
-
+
-
+
-
+
-
+
-
+
VOUT
ZERO CROSSING
OPAMP
(CR)
CURRENT LIMIT
OUT
FB
GND
VREF
LBI
LBO
D99IN1041
SHDN
LX
VIN
VOUT
VOUT
GND
R1,R2
FB
Y
Y
A
B
C
- +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com