Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6920DB Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6920DB
Description  Synchronous rectifier step up converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920DB Datasheet(HTML) 1 Page - STMicroelectronics

  L6920DB Datasheet HTML 1Page - STMicroelectronics L6920DB Datasheet HTML 2Page - STMicroelectronics L6920DB Datasheet HTML 3Page - STMicroelectronics L6920DB Datasheet HTML 4Page - STMicroelectronics L6920DB Datasheet HTML 5Page - STMicroelectronics L6920DB Datasheet HTML 6Page - STMicroelectronics L6920DB Datasheet HTML 7Page - STMicroelectronics L6920DB Datasheet HTML 8Page - STMicroelectronics L6920DB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
October 2006
Rev 5
1/16
16
L6920DB
Synchronous rectifier step up converter
General features
0.8V start up input voltage
Up to 5.5V operating input voltage
Internal synchronous rectifier
Adjustable output voltage from 1.8V
3.3V and 5V fixed output voltages
Low battery voltage detection
Reverse battery protection
750mA input current limit
Switching frequency up to 1MHz
1.23V reference voltage available
Applications
Conversion from 1 to 3 alkaline,
NiMH, NiCd battery cells or 1 lithium ION
PDA and handheld instruments
Digital cameras
Cellular phones
GPS
Distributed power
Description
The L6920DB is a high efficiency monolithic step
up switching converter IC especially designed for
battery powered application.
Package is MSOP8 in order to minimize PCB
space. It requires only three external components
to realize the conversion from the battery voltage
to the selected output voltage.
The minimum output voltage is 1.8V: suitable to
supply the most advanced ASIC and µP.
High switching frequency allows for a low profile,
small sized inductor and output capacitor to be
used.
Reference voltage, low battery detection and
Shutdown are provided together with over current.
MSOP8
www.st.com
Application circuit
L6920DB
3.3V


Similar Part No. - L6920DB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920D STMICROELECTRONICS-L6920D Datasheet
238Kb / 13P
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
Rev. 2
L6920D STMICROELECTRONICS-L6920D Datasheet
234Kb / 13P
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
Feb-2005
L6920DC STMICROELECTRONICS-L6920DC Datasheet
398Kb / 16P
Synchronous rectifier step up converter
29-Jun-2006
L6920DCTR STMICROELECTRONICS-L6920DCTR Datasheet
398Kb / 16P
Synchronous rectifier step up converter
29-Jun-2006
L6920DTR STMICROELECTRONICS-L6920DTR Datasheet
238Kb / 13P
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
Rev. 2
More results

Similar Description - L6920DB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920DC STMICROELECTRONICS-L6920DC Datasheet
398Kb / 16P
Synchronous rectifier step up converter
29-Jun-2006
EVAL6920D STMICROELECTRONICS-EVAL6920D Datasheet
94Kb / 4P
EVAL6920D 1A high efficiency synchronous Rectifier step up converter
22-Nov-2006
logo
FOSLINK SEMICONDUCTOR C...
FSP3603 FOSLINK-FSP3603 Datasheet
329Kb / 9P
1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
logo
Eutech Microelectronics...
EUP2410 EUTECH-EUP2410 Datasheet
127Kb / 1P
1.6A, 500KHz Synchronous Step-up Converter
logo
Analog Intergrations Co...
AIC3417 AIC-AIC3417 Datasheet
623Kb / 13P
1.0A Synchronous Step-Up Converter
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
1.2MHz Synchronous Step-Up Converter
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
1.2MHz Synchronous Step-Up Converter
logo
Shenzhen Huazhimei Semi...
HM5177 HMSEMI-HM5177 Datasheet
1Mb / 6P
Sync. Rectifier Step Up Converter
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
Synchronous Step-Up DC/DC Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com