Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6920DB Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6920DB
Description  Synchronous rectifier step up converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920DB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6920DB Datasheet HTML 6Page - STMicroelectronics L6920DB Datasheet HTML 7Page - STMicroelectronics L6920DB Datasheet HTML 8Page - STMicroelectronics L6920DB Datasheet HTML 9Page - STMicroelectronics L6920DB Datasheet HTML 10Page - STMicroelectronics L6920DB Datasheet HTML 11Page - STMicroelectronics L6920DB Datasheet HTML 12Page - STMicroelectronics L6920DB Datasheet HTML 13Page - STMicroelectronics L6920DB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Detailed description
L6920DB
10/16
5.3
Shutdown
In shutdown mode (SHDN pulled low) all internal circuitries are turned off, minimizing the
current provided by the battery (ISHDN < 100 nA, in typical case).
Both switches are turned off, and the low battery comparator output is forced in high
impedance state.
The synchronous switch body diode causes a parasitic path between power supply and
output that can't be avoided also in shutdown.
5.4
Low battery detection
The L6920DB includes a low battery detector comparator.
Threshold is VREF voltage and a hysteresis is added to avoid oscillations when input crosses
the threshold slowly. The LBO is an open drain output so a pull up resistor is required for a
proper use.
5.5
Low battery input
It is possible to fix, using an external resistor divider, the LBO threshold, in order to adapt
the LBO detection at the correct input source, by the following equation:
Equation 2
Where Vbatt-th is the battery voltage at which the internal comparetor is triggered.
5.6
Reverse polarity
A protection circuit has been implemented to avoid that L6920DB and the battery are
destroyed in case of wrong battery insertion.
In addition, this circuit has been designed so that the current required by the battery is zero
also in reverse polarity.
If a battery can be inserted in reverse direction, a non polarized capacitor should be
installed in location of C2.
5.7
Output voltage selection
Output voltage must be selected acting on FB pin.
Three choices are available: fixed 3.3V, 5V or adjustable output set via an external resistor
divider.
V
batt-th
1.23V
=
1
R1
R2
--------
+
⎝⎠
⎛⎞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com