Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS902I Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS902I
Description  RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS902I Datasheet(HTML) 3 Page - STMicroelectronics

  TS902I Datasheet HTML 1Page - STMicroelectronics TS902I Datasheet HTML 2Page - STMicroelectronics TS902I Datasheet HTML 3Page - STMicroelectronics TS902I Datasheet HTML 4Page - STMicroelectronics TS902I Datasheet HTML 5Page - STMicroelectronics TS902I Datasheet HTML 6Page - STMicroelectronics TS902I Datasheet HTML 7Page - STMicroelectronics TS902I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS902
3/8
ELECTRICAL CHARACTERISTICS
V
CC
+ = 10V, V
cc
- = 0V, R
L, CL connected to VCC/2, Standby OFF, Tamb = 25°C (unless otherwise specified)
STANDBY MODE
V
CC
+ = 10V, V
cc
- = 0V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Vic = Vo = VCC/2)
TS902
Tmin. ≤ Tamb ≤ Tmax.
TS902
10
12
mV
∆V
io
Input Offset Voltage Drift
5
µV/°C
Iio
Input Offset Current 1)
Tmin. ≤ Tamb ≤ Tmax.
1. Maximum values including unavoidable inaccuracies of the industrial test
1
100
200
pA
Iib
Input Bias Current 1)
Tmin. ≤ Tamb ≤ Tmax.
1150
300
pA
ICC
Supply Current (per amplifier, AVCL = 1, no load)
Tmin. ≤ Tamb ≤ Tmax.
400
600
700
µA
CMR
Common Mode Rejection Ratio
Vic = 3 to 7V, Vo = 5V
Vic = 0 to 10V, Vo = 5V
90
75
dB
SVR
Supply Voltage Rejection Ratio (VCC
+ = 5 to 10V, V
o = VCC/2)
90
dB
Avd
Large Signal Voltage Gain (RL = 10kΩ, Vo = 2.5V to 7.5V)
Tmin. ≤ Tamb ≤ Tmax.
15
10
60
V/mV
VOH
High Level Output Voltage (Vid = 1V)
RL = 10kΩ
RL = 600Ω
RL = 100Ω
Tmin. ≤ Tamb ≤ Tmax.
RL = 10kΩ
RL = 600Ω
9.85
9
9.8
9
9.95
9.35
7.8
V
VOL
Low Level Output Voltage (Vid = -1V)
RL = 10kΩ
RL = 600Ω
RL = 100Ω
Tmin. ≤ Tamb ≤ Tmax.
RL = 10kΩ
RL = 600Ω
50
650
2300
150
800
150
900
mV
Io
Output Short Circuit Current (Vid = ±1V)
Source (Vo = VCC)
Sink (Vo = VCC
+)
60
60
mA
GBP
Gain Bandwith Product
(AVCL = 100, RL = 10kΩ, CL = 100pF, f = 100kHz)
1.4
MHz
SR
Slew Rate
(AVCL = 1, RL = 10kΩ, CL = 100pF, Vi = 2.5V to 7.5V)
1V/
µs
φm
Phase Margin
40
Degrees
en
Equivalent Input Noise Voltage (Rs = 100Ω, f = 1kHz)
30
nV/
√Hz
THD
Total Harmonic Distortion
(AVCL = 1, RL = 10kΩ, CL = 100pF, Vo = 4.75V to 5.25V, f = 1kHz)
0.02
%
Cin
Input Capacitance
1.5
pF
VO1/VO2 Channel Separation (f = 1kHz)
120
dB
Symbol
Parameter
Min.
Typ.
Max.
Unit
VinSBY/ON
Pin 1 Threshold Voltage for STANDBY ON
8.2
V
VinSBY/OFF
Pin 1 Threshold Voltage for STANDBY OFF
8.5
V
ICC SBY
Total Consumption in Standby Position (STANDBY ON)
1
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com