Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS902I Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS902I
Description  RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS902I Datasheet(HTML) 4 Page - STMicroelectronics

  TS902I Datasheet HTML 1Page - STMicroelectronics TS902I Datasheet HTML 2Page - STMicroelectronics TS902I Datasheet HTML 3Page - STMicroelectronics TS902I Datasheet HTML 4Page - STMicroelectronics TS902I Datasheet HTML 5Page - STMicroelectronics TS902I Datasheet HTML 6Page - STMicroelectronics TS902I Datasheet HTML 7Page - STMicroelectronics TS902I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS902
4/8
TYPICAL CHARACTERISTICS
Figure 1a : Supply Current (each amplifier)
vs Supply Voltage
Figure 1b : Supply Current (each amplifier)
vs Supply Voltage (in STANDBY
mode)
Figure 2 :
Input Bias Current vs Temperature
Figure 3a : High Level Output Voltage vs High
Level Output Current
Figure 3b : High Level Output Voltage vs High
Level Output Current
Figure 4a : Low Level Output Voltage vs Low
Level Output Current
CC
SUPPLY VOLTAGE, V
(V)
0
4
8
12
16
600
500
400
300
200
100
T
= 25°C
A
= 1
V = V
/ 2
Standby OFF
o
CC
VCL
amb
4
8
12
16
50
40
30
20
10
0
T
= 25°C
A
= 1
Standby ON
VCL
amb
CC
SUPPLY VOLTAGE, V
(V)
25
50
75
100
125
100
amb
TEMPERATURE, T
( C)
°
V
= 10V
V = 5V
No load
Standby OFF
CC
i
10
1
5
-70
-56
-42
-28
-14
0
V = +5V
CC
V = +3V
CC
4
3
2
1
0
OH
OUTPUT CURRENT, I
(mA)
amb
id
T
= 25 C
V = 100mV
°
Standby OFF
4
0
V
= +16V
CC
V
= +10V
CC
OH
OUTPUT CURRENT, I
(mA)
12
8
20
16
-70
-56
-42
-28
-14
0
amb
id
T
= 25 C
V = 100mV
°
Standby OFF
1
14
28
42
56
70
V
= +5V
CC
V
= +3V
CC
0
OL
OUTPUT CURRENT, I
(mA)
2
3
4
5
amb
id
T
= 25 C
V = 100mV
°
Standby OFF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com