Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS902I Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS902I
Description  RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS902I Datasheet(HTML) 5 Page - STMicroelectronics

  TS902I Datasheet HTML 1Page - STMicroelectronics TS902I Datasheet HTML 2Page - STMicroelectronics TS902I Datasheet HTML 3Page - STMicroelectronics TS902I Datasheet HTML 4Page - STMicroelectronics TS902I Datasheet HTML 5Page - STMicroelectronics TS902I Datasheet HTML 6Page - STMicroelectronics TS902I Datasheet HTML 7Page - STMicroelectronics TS902I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS902
5/8
Figure 4b : Low Level Output Voltage vs Low
Level Output Current
Figure 5a : Gain and Phase vs Frequency
Figure 5b : Gain and Phase vs Frequency
Figure 6a : Gain Bandwidth Product vs Supply
Voltage
Figure 6b : Gain Bandwidth Product vs Supply
Voltage
Figure 7a : Phase Margin vs Supply Voltage
2
0
V
= 10V
CC
V
= 16V
CC
OL
OUTPUT CURRENT, I
(mA)
4
6
8
10
14
28
42
56
70
amb
id
T
= 25 C
V = 100mV
°
Standby OFF
50
40
30
20
10
0
-10
0
45
90
135
180
FREQUENCY, f (Hz)
PHASE
GAIN
Phase
Margin
Gain
Bandwidth
Product
6
10
10
23
10
4
10
5
10
7
10
T
= 25°C
V
= 10V
R = 10k W
C = 100pF
A
= 100
Standby OFF
amb
CC
L
L
VCL
50
40
30
20
10
0
-
10
0
45
90
135
180
FREQUENCY, f (Hz)
PHASE
GAIN
Phase
Margin
Gain
Bandwidth
Product
6
10
10
23
10
4
10
5
10
7
10
T
= 25°C
V
= 10V
R = 600W
C = 100pF
A
= 100
Standby OFF
amb
CC
L
L
VCL
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
1800
T
= 25°C
R = 10kW
C = 100pF
Standby OFF
amb
L
L
1400
1000
600
200
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
T
= 25°C
R = 600W
C = 100pF
Standby OFF
amb
L
L
1800
1400
1000
600
200
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
60
50
40
30
20
T
= 25°C
R = 10kW
C = 100pF
Standby OFF
amb
L
L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com