Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1270 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1270
Description  4-Pin Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270 Datasheet(HTML) 5 Page - Microchip Technology

  TC1270 Datasheet HTML 1Page - Microchip Technology TC1270 Datasheet HTML 2Page - Microchip Technology TC1270 Datasheet HTML 3Page - Microchip Technology TC1270 Datasheet HTML 4Page - Microchip Technology TC1270 Datasheet HTML 5Page - Microchip Technology TC1270 Datasheet HTML 6Page - Microchip Technology TC1270 Datasheet HTML 7Page - Microchip Technology TC1270 Datasheet HTML 8Page - Microchip Technology TC1270 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2007 Microchip Technology Inc.
DS21381D-page 5
TC1270/TC1271
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Ground Terminal (GND)
GND provides the negative reference for the analog
input voltage. Typically, the circuit ground is used.
3.2
Reset Output (RESET) (TC1270)
RESET output remains low while VCC is below the
Reset voltage threshold (VTRIP). Once the device
voltage (VCC) returns to a high level (VTRIP + VHYS), the
device will remain in Reset for the Reset delay timer
(TRST). After that time expires, the RESET pin will be
driven to the high state.
3.3
Reset Output (RESET) (TC1271)
RESET output remains high while VCC is below the
Reset voltage threshold (VTRIP). Once the device
voltage (VCC) returns to a high level (VTRIP + VHYS), the
device will remain in Reset for the Reset delay timer
(TRST). After that time expires, the RESET pin will be
driven to the low state.
3.4
Manual Reset (MR)
The Manual Reset (MR) input pin allows a push button
switch to easily be connected to the system. When the
push button is depressed, it forces a system Reset.
This pin has circuitry that filters noise that may be
present on the MR signal.
The MR pin is active-low and has an internal pull-up
resistor.
3.5
Supply Voltage (VCC)
VCC can be used for power supply monitoring or a
voltage level that requires monitoring.
Pin No.
Symbol
Description
1
GND
Ground
2
RESET
(
TC1270)
RESET output remains low while VCC is below the Reset voltage threshold,
and for at least 140 ms min. after VCC rises above Reset threshold
2
RESET
(TC1271)
Reset output remains high while VCC is below the Reset voltage threshold,
and for at least 140 ms min. after VCC rises aboev Reset threshold
3MR
Manual Reset input generates a Reset when MR is below VIL
4VCC
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com