Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1270 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1270
Description  4-Pin Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1270 Datasheet HTML 6Page - Microchip Technology TC1270 Datasheet HTML 7Page - Microchip Technology TC1270 Datasheet HTML 8Page - Microchip Technology TC1270 Datasheet HTML 9Page - Microchip Technology TC1270 Datasheet HTML 10Page - Microchip Technology TC1270 Datasheet HTML 11Page - Microchip Technology TC1270 Datasheet HTML 12Page - Microchip Technology TC1270 Datasheet HTML 13Page - Microchip Technology TC1270 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2007 Microchip Technology Inc.
DS21381D-page 11
TC1270/TC1271
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
XX
Threshold
Package
Temperature
Range
Device
Device
TC1270: 4-Pin RESET Monitor
TC1271: 4-Pin RESET Monitor
Threshold voltage
(typical)
L
=
4.63
M
=
4.38
T
=
3.08
S
=
2.93
R
=
2.63
F
=
1.75
Temperature Range
E
= -40
°C to +85°C
Package
RCTR =
Plastic small outline transistor (RC) SOT-143,
4 lead, (tape and reel).
Examples:
a)
TC1270LERCTR:
4.63V
b)
TC1270MERCTR:
4.38V
c)
TC1270TERCTR:
3.08V
d)
TC1270SERCPBTR: 2.93V
e)
TC1270SERCTR:
2.93V
f)
TC1270RERCTR:
2.63V
g)
TC1270FERCTR:
1.75V
a)
TC1271LERCTR:
4.63V
b)
TC1271MERCTR:
4.38V
c)
TC1271TERCTR:
3.08V
d)
TC1271SERCTR:
2.93V
e)
TC1271RERCTR:
2.63V
f)
TC1271FERCTR:
1.75V
X
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com