Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1270 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1270
Description  4-Pin Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270 Datasheet(HTML) 2 Page - Microchip Technology

  TC1270 Datasheet HTML 1Page - Microchip Technology TC1270 Datasheet HTML 2Page - Microchip Technology TC1270 Datasheet HTML 3Page - Microchip Technology TC1270 Datasheet HTML 4Page - Microchip Technology TC1270 Datasheet HTML 5Page - Microchip Technology TC1270 Datasheet HTML 6Page - Microchip Technology TC1270 Datasheet HTML 7Page - Microchip Technology TC1270 Datasheet HTML 8Page - Microchip Technology TC1270 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC1270/TC1271
DS21381D-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage (VCC to GND) .............................+6.0V
RESET, Reset ............................ -0.3V to (VCC + 0.3V)
Input Current, VCC..............................................20 mA
Output Current, RESET, Reset...........................20 mA
Operating Temperature Range.............-40°C to +85°C
Storage Temperature Range ..............-65°C to +150°C
† Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VCC = 5V for L/M versions, VCC = 3.3V for T/S versions, VCC = 3V for R version, VCC =2.0V for F
version. Unless otherwise noted, TA = -40°C to +85°C. Typical values are at TA = +25°C. (Note 1).
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VCC
VCC Range
1.2
5.5
V
ICC
Supply Current
7
15
µA
VCC > VTH, for L/M/R/S/T/F
—10
15
µA
VCC < VTH, for L/M/R/S/T
—6
12
µA
VCC < VTH, for F
VTH
Reset Threshold
4.54
4.50
4.63
4.72
4.75
V
V
TC127_L; TA = +25°C
TA = -40°C to +85°C
4.30
4.25
4.38
4.46
4.50
V
V
TC127_M; TA = +25°C
TA = -40°C to +85°C
3.03
3.00
3.08
3.14
3.15
V
V
TC127_T; TA = +25°C
TA = -40°C to +85°C
2.88
2.85
2.93
2.98
3.00
V
V
TC127_S; TA = +25°C
TA = -40°C to +85°C
2.58
2.55
2.63
2.68
2.70
V
V
TC127_R; TA = +25°C
TA = -40°C to +85°C
1.71
1.70
1.75
1.79
1.80
V
V
TC127_F; TA = +25°C
TA = -40°C to +85°C
Reset Threshold Tempco
30
ppm/°C
VCC to Reset Delay
20
5
µs
VCC = VTH to VTH – 125 mV;
L/M/R/S/T/F
tRP
Reset Active Time-out Period
140
280
560
ms
VCC = VTH(MAX)
tMR
MR Minimum Pulse Width
10
µs
MR Glitch Immunity
0.1
µs
tMD
MR to Reset Propagation Delay
0.5
µs
VIH
MR Input Threshold
2.3
V
VCC > VTH(MAX), TC127_L/M
0.7 VCC
——
V
VCC > VTH(MAX), TC127_R/S/T/F
VIL
——
0.8
V
VCC > VTH(MAX), TC127_L/M
0.15 VCC
V
VCC > VTH(MAX), TC127_R/S/T/F
MR Pull-up Resistance
10
20
40
k
Ω
VOH
Reset Output Voltage High
(TC1271)
0.8 VCC
——
V
ISOURCE = 150 µA;
VCC ≤ VTH(MIN)
Note 1:
Production testing done at TA = +25°C, over temperature limits ensured by design.
2:
RESET output for TC1270, Reset output for TC1271.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com